Electronic Components Datasheet Search
  English  ▼

X  

2SC5345 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 2SC5345
Description  Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

2SC5345 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  2SC5345 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 2SC5345 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon Epitaxial Planar Transistor
2SC5345
FEATURES
High current transition frequency
Low output capacitance:Cob=1.4pF
Low base time constant and high gain
Excellent noise response
APPLICATIONS
SOT-23
General small signal amplifier
ORDERING INFORMATION
Type No.
Marking
Package Code
2SC5345
5345
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current
20
mA
PC
Collector Dissipation
150
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10μA,IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=5mA,IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA,IC=0
4
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.5
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.5
μA
DC current gain
hFE
VCE=6V,IC=1mA
40
240
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB=1mA
0.3
V
Transition frequency
fT
VCE=6V, IE=-1mA
550
MHz
Output capacitance
Cob
VCB=6V, IE=0,f=1MHz
1.4
pF
CLASSIFICATION OF hFE
Rank
R
O
Y
Range
40-80
70-140
120-240
Marking
5345
SOT-23
Dim
Min
Max
A
2.70
3.10
B
1.10
1.50
C
1.0 Typical
D
0.4 Typical
E
0.35
0.48
G
1.80
2.00
H
0.02
0.1
J
0.1 Typical
K
2.20
2.60
All Dimensions in mm
A
B
C
D
E
J
H
K
G
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - 2SC5345

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5345 AUK-2SC5345 Datasheet
123Kb / 4P
NPN Silicon Transistor (RF amplifier)
logo
Galaxy Semi-Conductor H...
2SC5345 BILIN-2SC5345 Datasheet
190Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
KODENSHI_AUK CORP.
2SC5345 KODENSHI-2SC5345 Datasheet
264Kb / 5P
RF amplifier
logo
Shenzhen Jin Yu Semicon...
2SC5345 HTSEMI-2SC5345 Datasheet
496Kb / 2P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
2SC5345 SECOS-2SC5345 Datasheet
704Kb / 2P
0.02A , 30V NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC5345

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com