Electronic Components Datasheet Search
  English  ▼

X  

ZR38650 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZR38650
Description  PROGRAMMABLE DIGITAL AUDIO PROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZR38650 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZR38650 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZR38650 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZR38650 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZR38650 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZR38650 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZR38650 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZR38650 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZR38650 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZR38650 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
21
ZR38650
MPEG Status Reply
MPEGSTATR
This reply is a response to the STAT command during the
MPEG function operation.
PNG Status Reply
PNGSTATR
This reply is a response to the STAT command during operation
of the PNG function.
Version Number Reply
VERR
The VERR reply is a response to the VER command. It is four
data words of the version number of the ROM resident executive
transferred by using four READ commands.
Set I/O Register Reply
SETIOR
The SETIOR reply is a response to the SETIO command. It is
two data words with the most recent contents of the GPIO and
GPIOC registers.
PLLCFG Reply
PLLR
The PLLR reply is a response to a READ following the PLLCFG
command. Returns one byte indicating the status of PLL locking.
Data Memory Reply
PEEKR
The PEEKR reply is a response to the PEEK command. It is N
data words with the contents of the specified ZR38650 memory
locations that is transferred by 4N READ commands.
MPGST
MPEG-1 Decode Status returned by routine: 0 = No
errors, 1 = Invalid frame sync, 2 = CRC error, 3 = Invalid
sample rate, 4 = Invalid data rate, 5 = Input underflow.
ID
Algorithm ID: 0 = Reserved, 1 = MPEG.
LAY
Layer type: 0 = Reserved, 1 = Layer III, 2 = Layer II, 3 =
Layer I.
PRT
Protection bit: 0 = CRC word present, 1 = No CRC word.
BR
Bit-Rate index (see ISO-MPEG document CD 11172-3,
part 3).
SFR
Sampling Frequency: 0 = 44.1 kHz, 1 = 48 kHz, 2 = 32
kHz.
PAD
Padding bit.
PRV
Private bit.
MODE
Encoding Mode: 0 = Stereo, 1 = Joint-stereo, 2 = Dual
channel, 3 = Single channel.
MEXT
Mode Extension (see ISO-MPEG document).
CPR
Copyright: 0 = None, 1 = Copyrighted.
ORG
Original/home: 0 = Copy, 1 = Original.
EMPH
Emphasis: 0 = None, 1 = 50/15 µs, 2 = Reserved, 3 =
CCITT J.17.
VERSION
Version number of the Pink Noise functions.
0
1
2
3
4
5
6
7
Status Word 1
Status Word 6
Status Word 7
Status Word 8
Status Word 9
Status Word 4
Status Word 2
Status Word 3
Status Word 5
Status Words 10-12
07
STATUS
RST
MPGST
0
0
0
DIFT [15:8]
DIFT [7:0]
0
PRT
ID
LAY
BR
PVR
SFR
PAD
EMPH
ORG
CRP
MEXT
MODE
0
0
1
2
3
4
5
6
7
Status Word 1
Status Word 8
Status Words 3-6
Status Word 2
Status Word 7
03
STATUS
RST
0
0
VERSION
0
PA
PLL for Audio: 0 = Not locked, 1 = Locked.
PD
PLL for DSP core: 0 = Not locked, 1 = Locked.
0
1
2
3
4
5
6
7
ROM Version Number [31:24]
ROM Version Number [23:16]
ROM Version Number [15:8]
ROM Version Number [7:0]
Data Word 0
Data Word 2
Data Word 3
Data Word 1
0
1
2
3
4
5
6
7
Status Word 1
Status Word 2
GPIOC Register
0
0
GPIO Register
0
1
2
3
4
5
6
7
PD
0
PA
Status Word 1
0
1
2
3
4
5
6
7
Memory Data Word 0 [31:24]
Memory Data Word N-1 [7:0]
Data Word 0
Data Word N-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com