Electronic Components Datasheet Search
  English  ▼

X  

TLC3548CPWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC3548CPWRG4
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3548CPWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC3548CPWRG4 Datasheet HTML 4Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 5Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 6Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 7Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 8Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 9Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 10Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 11Page - Texas Instruments TLC3548CPWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
general electrical characteristics over recommended operating free-air temperature range,
single-ended input, normal long sampling, 200 KSPS, AVDD = 5 V, external reference (VREFP = 4V,
VREFM = 0 V) or internal reference, SCLK frequency = 25 MHz, fixed channel at CONV mode 00,
analog input signal source resistance = 25
Ω (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
DC Accuracy—Normal Short Sampling
EL
Integral linearity error
See Note 3
±0.8
LSB
ED
Differential linearity error
±0.6
LSB
EO
Zero offset error
See Note 4
–3
±0.6
3
LSB
E(g+)
Gain error
See Note 4
0
5
12
LSB
AC Accuracy—Normal Long Sampling
SINAD
Signal to noise ratio + distortion
fi = 20 kHz
78.6
80.8
dB
SINAD
Signal-to-noise ratio + distortion
fi = 100 kHz
77.6
dB
THD
Total harmonic distortion
fi = 20 kHz
–95
–90
dB
THD
Total harmonic distortion
fi = 100 kHz
–88
dB
SFDR
Spurious free dynamic range
fi = 20 kHz
90
97
dB
SFDR
Spurious free dynamic range
fi = 100 kHz
89
dB
ENOB
Effective number of bits
fi = 20 kHz
12.8
13.1
Bits
ENOB
Effective number of bits
fi = 100 kHz
12.6
Bits
SNR
Signal to noise ratio
fi = 20 kHz
79
81
dB
SNR
Signal-to-noise ratio
fi = 100 kHz
78
dB
Channel-to-channel isolation (see
Notes 2 and 5)
Fixed channel in conversion mode 00, fi = 35 kHz
100
dB
Analog input bandwidth
Full power bandwidth, –1 dB
2
MHz
Analog input bandwidth
Full power bandwidth, –3 dB
2.5
MHz
AC Accuracy—Normal Short Sampling
SINAD
Signal to noise ratio + distortion
fi = 20 kHz
78.9
dB
SINAD
Signal-to-noise ratio + distortion
fi = 100 kHz
77.6
dB
THD
Total harmonic distortion
fi = 20 kHz
–95
dB
THD
Total harmonic distortion
fi = 100 kHz
–88
dB
SNR
Signal to noise ratio
fi = 20 kHz
79
dB
SNR
Signal-to-noise ratio
fi = 100 kHz
78
dB
ENOB
Effective number of bits
fi = 20 kHz
12.8
Bits
ENOB
Effective number of bits
fi = 100 kHz
12.6
Bits
SFDR
Spurious free dynamic range
fi = 20 kHz
97
dB
SFDR
Spurious free dynamic range
fi = 100 kHz
89
dB
Channel-to-channel isolation (see
Notes 2 and 5)
Fixed channel in conversion mode 00, fi = 35 kHz
100
dB
Analog input bandwidth
Full power bandwidth, –1 dB
2
MHz
Analog input bandwidth
Full power bandwidth, –3 dB
2.5
MHz
† All typical values are at TA = 25°C.
NOTES:
2. This is for a fixed channel in conversion mode 00 or 01. When switching the channels, additional multiplexer setting time is required
to overcome the memory effect of the charge redistribution DAC (refer to Figure 8).
3. Linear error is the maximum deviation from the best fit straight line through the A/D transfer characteristics.
4. Zero offset error is the difference between 0000000000000 and the converted output for zero input voltage; gain error is the
difference between 11111111111111 and the converted output for full-scale input voltage. The full-scale input voltage is equal to the
reference voltage being used.
5. It is measured by applying a full-scale of 35 kHz signal to other channels and determining how much the signal is attenuated in the
channel of interest. The converter samples this examined channel continuously. The channel-to-channel isolation is degraded if the
converter samples different channels alternately (refer to Figure 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com