Electronic Components Datasheet Search
  English  ▼

X  

191 Datasheet(PDF) 1 Page - Littelfuse

Part # 191
Description  MINIATURE FUSES - 5x20 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

191 Datasheet(HTML) 1 Page - Littelfuse

  191 Datasheet HTML 1Page - Littelfuse 191 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050912
050912
050912
050912
050912
WebSite
WebSite
WebSite
WebSite
WebSite
Europe
Europe
Europe
Europe
Europe Tel: +49 2302 662-107
Americas
Americas
Americas
Americas
Americas Tel: +1 404 699-7820
Asia
Asia
Asia
Asia
Asia Tel: +852 26 14-1108
China
China
China
China
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
250 mA
0250
250 V
350
0.3
0.024
•
•
300 mA
0300
250 V
300
0.3
0.047
•
•
350 mA
0350
250 V
300
0.4
0.081
•
•
400 mA
0400
250 V
280
0.4
0.11
•
•
500 mA
0500
250 V
250
0.4
0.24
•
•
600 mA
0600
250 V
230
0.5
0.38
•
•
700 mA
0700
250 V
210
0.5
0.54
•
•
800 mA
0800
250 V
200
0.6
0.6
•
•
1.00 A
1100
250 V
180
0.6
1.7
•
• •
1.25 A
1125
250 V
170
0.7
2.8
•
• •
1.60 A
1160
250 V
150
0.8
5.4
•
• •
2.00 A
1200
250 V
130
0.9
11
•
• •
2.50 A
1250
250 V
120
1.0
13
•
• •
3.00 A
1300
250 V
115
1.1
21
•
• •
3.50 A
1350
250 V
110
1.3
32
•
• •
4.00 A
1400
125 V
105
1.3
40
•
• •
5.00 A
1500
125 V
100
1.4
69
•
• •
6.00 A
1600
125 V
95
1.4
120
•
•
7.00 A
1700
125 V
90
1.4
180
•
•
35 A / 250 V AC
10 kA / 125 V AC
50-60 Hz
cos ϕ = 0.7-0.8
100 A / 250 V AC
10 kA / 125 V AC
50-60 Hz
cos ϕ = 0.7-0.8
10 kA / 125 V AC
50-60 Hz
cos ϕ = 0.7-0.8
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 75
75
75
75
75 % at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Bulk (1000 pcs.)
002: Bulk (20x10 pcs.)
043: With mounted holders - Tape/Reel (1250 pcs.)
on request
Materials
Materials
Materials
Materials
Materials
Tube:
Glass
End Caps:
Nickel-plated brass
Optional Holders:
Nickel-plated caps
Tin-plated copper wires
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25 ºC to +70 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-25 ºC / +70 ºC / 21 days
(IEC 60068-1,-2-1,-2-2,-2-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Solderability
Solderability
Solderability
Solderability
Solderability
260 ºC, ≤ 3 s (Wave)
350 ºC, ≤ 1 s (Soldering iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 ºC, 10 s (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, Current Rating, 250 V AC, 191, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
1.0 g (approx.)
1.9 g (with mounted holders)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
191
UL 248-14, 250 V
UL 248-14, 250 V
UL 248-14, 250 V
UL 248-14, 250 V
UL 248-14, 250 V, F
, F
, F
, F
, F
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Quick Acting (F)
Standard
Standard
Standard
Standard
Standard
UL 248-14
CSA C22.2 No. 248.14
Approvals
Approvals
Approvals
Approvals
Approvals
UL Listed
cUL Listed
METI-PSE
Features
Features
Features
Features
Features
Visual fault indication
Direct solderable or plug-in versions
Internationally approved
Worldwide availability
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further info see:
Further info see:
Further info see:
Further info see:
Further info see:
www.wickmanngroup.com
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
www.wickmanngroup.com/download/
fuseology.pdf
Rated Current
1.35 x I
N
2.0 x I
N
2.0 x I
N
250 mA ... 7.00 A
< 1 h
< 120 s
< 5 s
5x20 mm / No. 191
191
191
191
191
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.0 x I
N
10 x I
N
max. (mV)
max. (W)
max. (A2s)
Specifications are subject
to change without notice
Optional Holders
This product is not recommended
for new designs. Please refer to
Littelfuse No. 235.


Similar Part No. - 191

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
191-00005 HELLERMANNTYTON-191-00005 Datasheet
385Kb / 4P
Snapper Hose Clips for Tubes and Harnesses
October 2015
191-00005 HELLERMANNTYTON-191-00005 Datasheet
128Kb / 3P
Clips, Clamps and Plugs
logo
Analog Devices
191-009-213-L-571 AD-191-009-213-L-571 Datasheet
1Mb / 75P
ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
HellermannTyton.
191-10029 HELLERMANNTYTON-191-10029 Datasheet
385Kb / 4P
Snapper Hose Clips for Tubes and Harnesses
October 2015
191-10039 HELLERMANNTYTON-191-10039 Datasheet
385Kb / 4P
Snapper Hose Clips for Tubes and Harnesses
October 2015
More results

Similar Description - 191

ManufacturerPart #DatasheetDescription
logo
Littelfuse
181 LITTELFUSE-181 Datasheet
88Kb / 2P
MINIATURE FUSES - 5x20 mm
194 LITTELFUSE-194 Datasheet
88Kb / 2P
MINIATURE FUSES - 5x20 mm
230 LITTELFUSE-230 Datasheet
60Kb / 2P
MINIATURE FUSES - 5x20 mm
231 LITTELFUSE-231 Datasheet
70Kb / 2P
MINIATURE FUSES - 6.3x32 mm
311 LITTELFUSE-311 Datasheet
100Kb / 2P
MINIATURE FUSES - 5x20 mm
356 LITTELFUSE-356 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32 mm
801 LITTELFUSE-801 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
834 LITTELFUSE-834 Datasheet
83Kb / 1P
PCB mount, vertical for 5x20 mm Fuses
230 LITTELFUSE-230_1 Datasheet
60Kb / 2P
5x20 mm MINIATURE FUSES
231 LITTELFUSE-231_1 Datasheet
70Kb / 2P
6.3x32 mm MINIATURE FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com