Electronic Components Datasheet Search
  English  ▼

X  

194 Datasheet(PDF) 1 Page - Littelfuse

Part # 194
Description  MINIATURE FUSES - 5x20 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

194 Datasheet(HTML) 1 Page - Littelfuse

  194 Datasheet HTML 1Page - Littelfuse 194 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050912
050912
050912
050912
050912
WebSite
WebSite
WebSite
WebSite
WebSite
Europe
Europe
Europe
Europe
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia
Asia
Asia
Asia
Asia Tel: +852 26 14-1108
China
China
China
China
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
1500 A / 250 V AC
50-60 Hz
cos ϕ = 0.7-0.8
1
1
1
1
1
1
1
1
1
200 mA
0200
250 V
3500
1.2
0.007
•
•
250 mA
0250
250 V
1000
0.8
0.013
•
•
315 mA
0315
250 V
950
0.8
0.015
•
•
•
400 mA
0400
250 V
900
0.9
0.027
•
•
•
500 mA
0500
250 V
850
1.0
0.041
•
•
•
630 mA
0630
250 V
800
1.1
0.075
•
•
•
800 mA
0800
250 V
750
1.3
0.12
•
•
•
1.00 A
1100
250 V
700
1.4
0.29
•
•
• •
1.25 A
1125
250 V
650
1.6
0.7
•
•
• •
1.60 A
1160
250 V
500
1.8
1.0
•
•
• •
2.00 A
1200
250 V
400
2.0
1.8
•
•
• •
2.50 A
1250
250 V
350
2.3
3.0
•
•
• •
3.15 A
1315
250 V
300
2.8
7.8
•
•
• •
4.00 A
1400
250 V
270
3.5
15
•
•
• •
5.00 A
1500
250 V
250
3.7
35
•
•
• •
6.30 A
1630
250 V
200
4.0
75
•
•
• •
8.00 A
1800
250 V
150
3.8
70
•
10.00 A
2100
250 V
170
3.9
150
•
12.50 A 1
2125
250 V
100
4.0
250
G
*
•
16.00 A 1
2160
250 V
90
4.5
480
G
*
•
750A/250VAC 1000A/125VAC
cos ϕ = 1
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 100
100
100
100
100 % at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
1 Not mentioned in the fuse standards.
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Bulk (1000 pcs.)
002: Bulk (20x10 pcs.)
043: With mounted holder - Tape/Reel (1250 pcs.)
on request
Materials
Materials
Materials
Materials
Materials
Tube:
Ceramic
End Caps:
Nickel-plated brass
Optional Holders:
Nickel-plated caps
Tin-plated copper wires
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40 ºC to +85 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-40 ºC / +85 ºC / 21 days
(IEC 60068-1,-2-1,-2-2,-2-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Solderability
Solderability
Solderability
Solderability
Solderability
260 ºC, ≤ 3 s (Wave)
350 ºC, ≤ 1 s (Soldering iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 ºC, 10 s (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, F, Current Rating, H, 250 V, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
1.2 g (approx.)
2.2 g (with mounted holders)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
194
IEC 60127-2/I, 250V
IEC 60127-2/I, 250V
IEC 60127-2/I, 250V
IEC 60127-2/I, 250V
IEC 60127-2/I, 250V, F
, F
, F
, F
, F
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Quick Acting (F)
Standard
Standard
Standard
Standard
Standard
IEC 60127-2/I
DIN 41660
Approvals
Approvals
Approvals
Approvals
Approvals
VDE
SEMKO
cULus Recognized
CCC
Features
Features
Features
Features
Features
High breaking capacity
Direct solderable or plug-in versions
Internationally approved
Worldwide availability
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further info see:
Further info see:
Further info see:
Further info see:
Further info see:
www.wickmanngroup.com
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
www.wickmanngroup.com/download/
fuseology.pdf
Rated Current
1.5 x I
N
2.1 x I
N
2.75 x I
N
4 x I
N
10 x I
N
200 mA ... 3.15 A
> 1 h
< 30 min
10 ms ... 2 s 3 ms ... 300 ms < 20 ms
4.00 A ... 6.30A
> 1 h
< 30 min
10 ms ... 3 s 3 ms ... 300 ms < 20 ms
8.00 A ... 10.00 A
> 30 min
< 30 min
10 ms ... 3 s 3 ms ... 300 ms < 20 ms
12.50 A ... 16.00 A
>1 h
< 30 min
40 ms ... 20 s 10 ms ... 1 s
< 30 ms
5x20 mm / No. 194
194
194
194
194
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.5 x I
N
10 x I
N
max. (mV)
max. (W)
max. (A2s)
Specifications are subject
to change without notice.
* test report available
G Expert Report
p=pending
p
p
p
p
p
p
p
Optional Holders
pp
pp
only 2 A / 2.5 A / 4 A / 8 A / 10 A
only 2 A / 2.5 A / 4 A / 8 A / 10 A
only 2 A / 2.5 A / 4 A / 8 A / 10 A
only 2 A / 2.5 A / 4 A / 8 A / 10 A
only 2 A / 2.5 A / 4 A / 8 A / 10 A
This product is not recommended
for new designs. Please refer to
Littelfuse No. 216.


Similar Part No. - 194

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
194 CTS-194 Datasheet
1Mb / 2P
Side Actuated, Through Hole DIP Switches
logo
Honeywell Solid State E...
194 HONEYWELL-194 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Walther-Werke
194 WALTHER-194 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Altech corporation
194-001 ALTECH-194-001 Datasheet
906Kb / 26P
TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
logo
CTS Corporation
194-10MST CTS-194-10MST Datasheet
1Mb / 2P
Side Actuated, Through Hole DIP Switches
More results

Similar Description - 194

ManufacturerPart #DatasheetDescription
logo
Littelfuse
181 LITTELFUSE-181 Datasheet
88Kb / 2P
MINIATURE FUSES - 5x20 mm
191 LITTELFUSE-191 Datasheet
54Kb / 2P
MINIATURE FUSES - 5x20 mm
230 LITTELFUSE-230 Datasheet
60Kb / 2P
MINIATURE FUSES - 5x20 mm
231 LITTELFUSE-231 Datasheet
70Kb / 2P
MINIATURE FUSES - 6.3x32 mm
311 LITTELFUSE-311 Datasheet
100Kb / 2P
MINIATURE FUSES - 5x20 mm
356 LITTELFUSE-356 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32 mm
801 LITTELFUSE-801 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
834 LITTELFUSE-834 Datasheet
83Kb / 1P
PCB mount, vertical for 5x20 mm Fuses
230 LITTELFUSE-230_1 Datasheet
60Kb / 2P
5x20 mm MINIATURE FUSES
231 LITTELFUSE-231_1 Datasheet
70Kb / 2P
6.3x32 mm MINIATURE FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com