Electronic Components Datasheet Search
  English  ▼

X  

196 Datasheet(PDF) 1 Page - Littelfuse

Part # 196
Description  MINIATURE FUSES - 5x20mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

196 Datasheet(HTML) 1 Page - Littelfuse

  196 Datasheet HTML 1Page - Littelfuse 196 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050912
050912
050912
050912
050912
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
32mA
0032
250V
2500
0.2
0.010
•
•
• •
•
40mA
0040
250V
1600
0.2
0.011
•
•
• •
•
50mA
0050
250V
1500
0.3
0.019
•
•
• •
•
63mA
0063
250V
1300
0.3
0.035
•
•
• •
•
80mA
0080
250V
1100
0.3
0.055
•
•
• •
•
100mA
0100
250V
1000
0.3
0.075
•
•
• •
•
125mA
0125
250V
900
0.3
0.13
•
•
• •
•
160mA
0160
250V
800
0.4
0.24
•
•
• •
•
200mA
0200
250V
600
0.4
0.30
•
•
• •
•
250mA
0250
250V
550
0.4
0.90
•
•
• •
•
315mA
0315
250V
350
0.5
1.2
•
•
• •
•
400mA
0400
250V
300
0.5
2.4
•
•
• •
•
500mA
0500
250V
250
0.6
4.4
•
•
• •
•
630mA
0630
250V
200
0.6
7.5
•
•
• •
•
800mA
0800
250V
180
0.7
11
•
•
• •
•
1.00A
1100
250V
150
0.7
15
•
•
• •
•
1.25A
1125
250V
135
0.8
22
•
•
• •
•
1.60A
1160
250V
125
0.9
36
•
•
• •
•
2.00A
1200
250V
110
0.6
12
•
•
• •
•
2.50A
1250
250V
100
1.0
17
•
•
• •
•
3.15A
1315
250V
100
1.1
30
•
•
• •
•
4.00A
1400
250V
90
1.0
50
•
•
• •
•
5.00A
1500
250V
100
1.3
70
•
•
• •
•
6.30A
1630
250V
70
1.5
136
•
•
• •
•
8.00 A
1800
250V
70
2.0
149.5
150A / 250VAC
50-60Hz
cos ϕ = 1.0
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 100
100
100
100
100% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Bulk (1000 pcs.)
002: Bulk (20x10 pcs.)
043: With mounted holder - Tape/Reel (1250 pcs.)
on request
Materials
Materials
Materials
Materials
Materials
Tube:
Glass
End Caps:
Nickel-plated brass
Optional Holders:
Nickel-plated caps
Tin-plated copper wires
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25ºC to +70ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-25ºC/+70ºC/21 days (EN 60068-1..3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days-95%
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Solderability
Solderability
Solderability
Solderability
Solderability
260ºC, ≤ 3 sec. (Wave)
350ºC, ≤ 1 sec. (Hand)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 10 sec. (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, T, Current Rating, E, 250V, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
1.1g (approx.)
2.1g (with leads)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
196
IEC 60127-2/VI, 250V
IEC 60127-2/VI, 250V
IEC 60127-2/VI, 250V
IEC 60127-2/VI, 250V
IEC 60127-2/VI, 250V, T
, T
, T
, T
, T
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Time Lag (T)
Standard
Standard
Standard
Standard
Standard
IEC 60127-2/VI
Approvals
Approvals
Approvals
Approvals
Approvals
VDE
SEMKO
cULus Recognized
BSI License
CCC
Features
Features
Features
Features
Features
Enhanced breaking capacity
Visual fault indication
Direct solderable or plug-in versions
Internationally approved
Worldwide availability
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further info see:
Further info see:
Further info see:
Further info see:
Further info see:
www.wickmanngroup.com
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
www.wickmanngroup.com/download/
fuseology.pdf
Rated Current
1.5 x I
Rated
2.1 x I
Rated
2.75 x I
Rated
4 x I
Rated
10 x I
Rated
32mA ... 100mA
> 1h
< 2 min
200ms ...10s
40ms ... 3s 10ms ... 300ms
125mA ... 6.30A
> 1h
< 2 min
600ms ...10s
150ms ...3s 20ms ... 300ms
5x20mm / No. 196
196
196
196
196
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
Rated
1.5 x I
Rated
10 x I
Rated
max. (mV)
max. (W)
min. (A2s)
Specifications are subject
to change without notice
Optional Holders
only 125 mA up to 8 A
only 125 mA up to 8 A
only 125 mA up to 8 A
only 125 mA up to 8 A
only 125 mA up to 8 A
This product is not recommended
for new designs. Please refer to
Littelfuse No. 219XA.


Similar Part No. - 196

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
196 HONEYWELL-196 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
196 ETC2-196 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Aries Electronics, Inc.
196 ARIES-196 Datasheet
653Kb / 2P
PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
Keystone Electronics Co...
196 KEYSTONE-196 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
logo
TE Connectivity Ltd
196-14 TEC-196-14 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
More results

Similar Description - 196

ManufacturerPart #DatasheetDescription
logo
Littelfuse
195 LITTELFUSE-195 Datasheet
86Kb / 2P
MINIATURE FUSES - 5x20mm
197 LITTELFUSE-197 Datasheet
59Kb / 2P
MINIATURE FUSES - 5x20mm
198 LITTELFUSE-198 Datasheet
61Kb / 2P
MINIATURE FUSES - 5x20mm
199 LITTELFUSE-199 Datasheet
86Kb / 2P
MINIATURE FUSES - 5x20mm
201 LITTELFUSE-201 Datasheet
75Kb / 2P
MINIATURE FUSES - 5x20mm
DIN41571 LITTELFUSE-DIN41571_1 Datasheet
82Kb / 2P
MINIATURE FUSES 5x20mm
logo
Dubilier
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
CamdenBoss Ltd.
CFB0520T CAMDENBOSS-CFB0520T Datasheet
1Mb / 1P
5x20mm glass fuses
CFB0521CF CAMDENBOSS-CFB0521CF Datasheet
1Mb / 1P
5x20mm ceramic fuses
CFB0521CT CAMDENBOSS-CFB0521CT Datasheet
1Mb / 1P
5x20mm ceramic fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com