Electronic Components Datasheet Search
  English  ▼

X  

199 Datasheet(PDF) 1 Page - Littelfuse

Part # 199
Description  MINIATURE FUSES - 5x20mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

199 Datasheet(HTML) 1 Page - Littelfuse

  199 Datasheet HTML 1Page - Littelfuse 199 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050912
050912
050912
050912
050912
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432 5146
www.wickmanngroup.com
E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
150 A / 250 V AC
50-60 Hz
cos ϕ = 1.0
800 mA
0800
250 V
180
0.370
12.9
17.2
•
•
•
•
1.00 A
1100
250 V
137
0.362
24.0
27.4
•
•
•
• •
1.25 A
1125
250 V
145
0.560
39.0
45.7
•
•
•
• •
1.60 A
1160
250 V
133
0.610
56.1
66.1
•
•
•
• •
2.00 A
1200
250 V
120
0.707
80.9
95.2
•
•
•
• •
2.50 A
1250
250 V
110
0.850
120
140
•
•
•
• •
3.15 A
1315
250 V
100
0.900
235
277
•
•
•
• •
4.00 A
1400
250 V
92
1.250
314
364
•
•
•
• •
5.00 A
1500
250 V
80
1.500
240
288
•
•
•
• •
6.30 A
1630
250 V
83
1.700
480
564
•
•
•
•
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Bulk (1000 pcs.)
043: With mounted holder - Tape/Reel (1250 pcs.)
on request*
*approvals pending for Pb-free fuse with
holders
Materials
Materials
Materials
Materials
Materials
Tube:
Glass
End Caps:
Nickel-plated brass
Optional Holders:
Nickel-plated caps
Tin-plated copper wires
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40 ºC to +85 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-40 ºC/+85 ºC/21 days
(IEC 60068-1,-2-1,-2-2,-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60H z at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Solderability (optional holders)
Solderability (optional holders)
Solderability (optional holders)
Solderability (optional holders)
Solderability (optional holders)
260 ºC, ≤ 3 s (Wave)
350 ºC, ≤ 1 s (Soldering Iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance (optional holders)
(optional holders)
(optional holders)
(optional holders)
(optional holders)
260 ºC, 10 s (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, T, Current Rating, E, 250V, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
1.1 g (approx.)
2.1 g (with holders)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Pack. Code
Amp Code
Pack. Code
Amp Code
Pack. Code
Amp Code
Pack. Code
Amp Code
Pack. Code
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
199
IEC 60127-2/VI, 250 V
IEC 60127-2/VI, 250 V
IEC 60127-2/VI, 250 V
IEC 60127-2/VI, 250 V
IEC 60127-2/VI, 250 V, T
, T
, T
, T
, T
lead free
lead free
lead free
lead free
lead free
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Time Lag (T)
Standard
Standard
Standard
Standard
Standard
IEC 60127-2/VI
Approvals
Approvals
Approvals
Approvals
Approvals
VDE
Semko
CCC
cULus Recognized
METI-PSE
Features
Features
Features
Features
Features
Very high surge tolerance
Enhanced breaking capacity
Visual fault indication
Direct solderable or plug-in versions
Internationally approved
Worldwide availability
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further info see:
Further info see:
Further info see:
Further info see:
Further info see:
www.wickmanngroup.com
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
www.wickmanngroup.com/download/
fuseology.pdf
Rated Current
1.5 x I
N
2.1 x I
N
2.75 x I
N
4 x I
N
10 x I
N
800 mA ... 6.30 A
> 1 h
< 2 min
600 ms...10 s
150 ms ...3 s 20 ms ... 300 ms
5x20mm / No. 199
199
199
199
199
formerly No. 196/S
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.5 x I
N
10 x I
N
max. (mV)
max. (W)
min. (A2s) typ.
Specifications are subject
to change without notice.
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 100
100
100
100
100 %
%
%
%
% at ambient temperature of
at ambient temperature of
at ambient temperature of
at ambient temperature of
at ambient temperature of 23
23
23
23
23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
Optional Holders*
This product is not recommended
for new designs. Please refer to
Littelfuse No. 219XA.


Similar Part No. - 199

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
199-09 TEC-199-09 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
199-10 TEC-199-10 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
199-14 TEC-199-14 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
199-16 TEC-199-16 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
199-20 TEC-199-20 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
More results

Similar Description - 199

ManufacturerPart #DatasheetDescription
logo
Littelfuse
195 LITTELFUSE-195 Datasheet
86Kb / 2P
MINIATURE FUSES - 5x20mm
196 LITTELFUSE-196 Datasheet
87Kb / 2P
MINIATURE FUSES - 5x20mm
197 LITTELFUSE-197 Datasheet
59Kb / 2P
MINIATURE FUSES - 5x20mm
198 LITTELFUSE-198 Datasheet
61Kb / 2P
MINIATURE FUSES - 5x20mm
201 LITTELFUSE-201 Datasheet
75Kb / 2P
MINIATURE FUSES - 5x20mm
DIN41571 LITTELFUSE-DIN41571_1 Datasheet
82Kb / 2P
MINIATURE FUSES 5x20mm
logo
Dubilier
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
CamdenBoss Ltd.
CFB0520T CAMDENBOSS-CFB0520T Datasheet
1Mb / 1P
5x20mm glass fuses
CFB0521CF CAMDENBOSS-CFB0521CF Datasheet
1Mb / 1P
5x20mm ceramic fuses
CFB0521CT CAMDENBOSS-CFB0521CT Datasheet
1Mb / 1P
5x20mm ceramic fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com