Electronic Components Datasheet Search
  English  ▼

X  

201 Datasheet(PDF) 1 Page - Littelfuse

Part # 201
Description  MINIATURE FUSES - 5x20mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

201 Datasheet(HTML) 1 Page - Littelfuse

  201 Datasheet HTML 1Page - Littelfuse 201 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
050913
32mA
0032
250V
640
0.1
0.005
•
50mA
0050
250V
600
0.1
0.009
•
63mA
0063
250V
560
0.1
0.011
•
80mA
0080
250V
520
0.2
0.017
•
100mA
0100
250V
470
0.2
0.022
•
125mA
0125
250V
420
0.2
0.033
•
160mA
0160
250V
370
0.2
0.085
•
200mA
0200
250V
320
0.3
0.12
•
250mA
0250
250V
280
0.3
0.13
•
315mA
0315
250V
250
0.3
0.16
•
400mA
0400
250V
230
0.4
0.28
•
500mA
0500
250V
210
0.4
0.35
•
630mA
0630
250V
190
0.5
0.6
•
800mA
0800
250V
170
0.6
1.1
•
1.00A
1100
250V
160
0.7
2.0
•
1.25A
1125
250V
160
0.8
3.2
•
80A / 250VAC
50-60Hz
cos ϕ = 1.0
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 100
100
100
100
100% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Bulk (1000 pcs.)
002: Bulk (20x10 pcs.)
043: With mounted holder - Tape/Reel (1250 pcs.)
on request
Materials
Materials
Materials
Materials
Materials
Tube:
Glass
End Caps:
Nickel-plated brass
Optional Holders:
Nickel-plated caps
Tin-plated copper wires
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25ºC to +70ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-25ºC/+70ºC/21 days (EN 60068-1..3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days-95%
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Solderability
Solderability
Solderability
Solderability
Solderability
260ºC, ≤ 3 sec. (Wave)
350ºC, ≤ 1 sec. (Hand)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 10 sec. (IEC 68-2-20)
Marking
Marking
Marking
Marking
Marking
, M, Current Rating, 250V, C
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
1.1g (approx.)
2.1g (with leads)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
201
DIN 41571, T
DIN 41571, T
DIN 41571, T
DIN 41571, T
DIN 41571, T.2, 250V
.2, 250V
.2, 250V
.2, 250V
.2, 250V, M
, M
, M
, M
, M
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Medium Time Lag (M)
Standard
Standard
Standard
Standard
Standard
DIN 41571, T.2
Approvals
Approvals
Approvals
Approvals
Approvals
cURus
Features
Features
Features
Features
Features
Visual fault indication
Direct solderable or plug-in versions
Worldwide availability
Rated Current
1.5 x I
N
2.1 x I
N
4 x I
N
10 x I
N
32mA ... 1.25A
> 1h
< 10 min
40ms ... 2s
5ms ... 90ms
5x20mm / No. 201
201
201
201
201
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.5 x I
N
10 x I
N
max. (mV)
max. (W)
min. (A2s)
cURus
Specifications are subject
to change without notice
Optional Holders
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.


Similar Part No. - 201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
201 ETC2-201 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
201 ETC2-201 Datasheet
230Kb / 1P
Wiha Insulated Open-Ended Spanners
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
Process control systems, instrumentation, rail vehicles
logo
Alpha Wire
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
M12-A Male 4 Pin Field Attachable
logo
Morse Mfg. Co., Inc.
201 MORSE-201 Datasheet
2Mb / 7P
Wheeled Portable Drum Rollers
20 Jun, 2023
More results

Similar Description - 201

ManufacturerPart #DatasheetDescription
logo
Littelfuse
195 LITTELFUSE-195 Datasheet
86Kb / 2P
MINIATURE FUSES - 5x20mm
196 LITTELFUSE-196 Datasheet
87Kb / 2P
MINIATURE FUSES - 5x20mm
197 LITTELFUSE-197 Datasheet
59Kb / 2P
MINIATURE FUSES - 5x20mm
198 LITTELFUSE-198 Datasheet
61Kb / 2P
MINIATURE FUSES - 5x20mm
199 LITTELFUSE-199 Datasheet
86Kb / 2P
MINIATURE FUSES - 5x20mm
DIN41571 LITTELFUSE-DIN41571_1 Datasheet
82Kb / 2P
MINIATURE FUSES 5x20mm
logo
Dubilier
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
CamdenBoss Ltd.
CFB0520T CAMDENBOSS-CFB0520T Datasheet
1Mb / 1P
5x20mm glass fuses
CFB0521CF CAMDENBOSS-CFB0521CF Datasheet
1Mb / 1P
5x20mm ceramic fuses
CFB0521CT CAMDENBOSS-CFB0521CT Datasheet
1Mb / 1P
5x20mm ceramic fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com