Electronic Components Datasheet Search
  English  ▼

X  

217.080 Datasheet(PDF) 1 Page - Littelfuse

Part # 217.080
Description  Axial Lead and Cartridge Fuses - Designed to IEC Standard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

217.080 Datasheet(HTML) 1 Page - Littelfuse

  217.080 Datasheet HTML 1Page - Littelfuse 217.080 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
409
www .littelfuse .com
Designed to IEC Standard
5 x 20 mm Fast-Acting Fuse 217 Series
®
®
RoHS
Pb
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 2 specification for Fast-Acting Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of 0.032 to 15 amperes.
• RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.032 – 6.3
60 minutes, Minimum
8-15
30 minutes, Minimum
210%
.032-15
30 minutes, Maximum
275%
.032 – .100
0.01 sec., Min.; .5 sec. Max.
.125 – 15
0.05 sec., Min.; 2 sec. Max.
400%
.032 – .100
.003 sec., Min.; 0.1 sec. Max.
.125 – 6.3
.01 sec., Min.; 0.3 sec. Max.
8 - 15
.01 sec., Min.; 0.4 sec. Max.
1000%
.032 – 6.3
.02 second, Maximum
8-15
.04 second, Maximum
INTERRUPTING RATING: 35 amperes or 10 x rated current;
(whichever is greater) to a maximum 100 amperes @ 250VAC, unity
Power Factor.
ORDERING INFORMATION:
RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
Cartridge
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Rating
Rating
Cold Ohms
A2 Sec.
217.032
.032
250
262.2
0.000048
217.040
.040
250
183.2
0.000074
217.050
.050
250
15.20
0.00020
217.063
.063
250
10.43
0.00057
217.080
.080
250
7.88
0.00085
217.100
.100
250
5.10
0.0034
217.125
.125
250
3.68
0.0049
217.160
.160
250
2.53
0.011
217.200
.200
250
1.65
0.025
217.250
.250
250
1.18
0.043
217.315
.315
250
0.810
0.110
217.400
.400
250
0.277
0.130
217.500
.500
250
0.210
0.225
217.630
.630
250
0.168
0.420
217.800
.800
250
0.134
0.870
217 001
1
250
0.096
1.07
217 1.25
1.25
250
0.070
2.29
217 01.6
1.6
250
0.046
4.74
217 002
2
250
0.040
5.88
217 02.5
2.5
250
0.033
9.72
217 3.15
3.15
250
0.022
18.2
217 004
4
250
0.016
30.0
217 005
5
250
0.013
43.9
217 06.3
6.3
250
0.0098
64.2
217 008
8*
250
0.0068
203.5
217 010
10*
250
0.0060
223.5
217 015
15*
250
0.0040
607.0
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Glass
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Terminal strength: MIL-STD-202F Method 211A, Test Condition A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
11


Similar Part No. - 217.080

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217.080 LITTELFUSE-217.080 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
217.080P LITTELFUSE-217.080P Datasheet
304Kb / 2P
Available in Cartridge and Axial Lead Form
More results

Similar Description - 217.080

ManufacturerPart #DatasheetDescription
logo
Littelfuse
215.200 LITTELFUSE-215.200 Datasheet
125Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
216.050 LITTELFUSE-216.050 Datasheet
128Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
218.032 LITTELFUSE-218.032 Datasheet
234Kb / 4P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
0219.125A LITTELFUSE-0219.125A Datasheet
130Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
226 LITTELFUSE-226 Datasheet
90Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
227 LITTELFUSE-227 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
232 LITTELFUSE-232 Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Designed to METI Standard
239 LITTELFUSE-239 Datasheet
162Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com