Electronic Components Datasheet Search
  English  ▼

X  

AMC2596 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AMC2596
Description  150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC2596 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AMC2596 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC2596 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Copyright © 2005 ADD Microtech Corp.
4
AMC2596_A (LF) May 2005
AMC2596
RECOMMENDED OPERATING CONDITIONS
Temperature Range
-40°C≦TJ≦+125°C
Supply Voltage
4.5V to 40V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply VIN = 12V, ILOAD = 0.5A and the operating ambient temperatures TJ = 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
4.75V ≤ VIN ≤ 40V, 0.2A ≤ ILOAD ≤ 3A
3.168
3.3
3.342
V
Efficiency
AMC2596-3.3
η
VIN = 12V, ILOAD = 3A (Note 3)
73
%
Output Voltage
VOUT
7V ≤ VIN ≤ 40V, 0.2A ≤ ILOAD ≤ 3A
4.800
5.0
5.200
V
Efficiency
AMC2596-5.0
η
VIN = 12V, ILOAD = 3A (Note 3)
80
%
Feedback Voltage
VFB
4.5V ≤ VIN ≤ 40V, 0.2A ≤ ILOAD ≤ 3A
1.193 1.230 1.267
V
Efficiency
AMC2596-ADJ
η
VIN = 12V, ILOAD = 3A (Note 3)
73
%
Feedback Bias Current
Ib
Adjustable Version Only, VFB =1.3V
10
50
nA
Oscillator Frequency
fOSC
(Note 4)
127
150
173
KHz
Saturation Voltage
VSAT
IOUT = 3A (Note 5,6)
1.16
1.4
V
Max Duty Cycle (ON)
100
Min Duty Cycle (OFF)
DC
(Note 8,9)
0
%
Current Limit
ILIMIT
Peak Current (Note 5,6)
3.6
4.5
6.9
A
Output = 0V (Note 5,7)
50
µA
Output Leakage Current
ILEAK
Output = -1V (Note 8)
2
30
mA
Quiescent Current
IQ
(Note 9)
5
10
mA
Standby Current
ISTBY
ENABLE pin=5V (OFF) (Note 8)
80
200
µA
VIH
Low(Regulator ON)
0.6
V
ENABLE Pin Threshold Voltage
VIL
High(Regulator OFF)
2.0
IH
VLOGIC=2.5V(Regulator OFF)
5
15
µA
ENABLE Pin Input Current
IL
VLOGIC=0.5V(Regulator OFF)
0.02
5
µA
Note 1:Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which
the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions,
see the Electrical Characteristics.
Note 2:The human body model is a 100 pF capacitor discharged through a 1.5K resister into each pin.
Note 3:External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect switching
regulator system performance. When the AMC2596 is used as shown in the Figure 1 test circuit, system performance will be as shown in
system parameters section of Electrical Characteristics.
Note 4:The switching frequency is reduced when the second stage current limit is activated. The amount of reduction is determined by the severity of
current over-load.
Note 5:No diode, inductor or capacitor connected to output pin.
Note 6:Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 7:Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the ADJ. version, and 15Vfor the 12V version, to force the
output transistor switch OFF.
Note 8:VIN=40V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com