Electronic Components Datasheet Search
  English  ▼

X  

3074075 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3074075
Description  UW 25/S
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3074075 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3074075 Datasheet HTML 1Page - PHOENIX CONTACT 3074075 Datasheet HTML 2Page - PHOENIX CONTACT 3074075 Datasheet HTML 3Page - PHOENIX CONTACT 3074075 Datasheet HTML 4Page - PHOENIX CONTACT 3074075 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UW 25/S Order No.: 3073377
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3073377
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
May 9, 2011
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, max.
10 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
2.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
10 mm²
Connection method
Screw connection
Stripping length
19 mm
Internal cylindrical gage
B 7
Screw thread
M5
Tightening torque, min
4 Nm
Tightening torque max
4.5 Nm
Certificates / Approvals
Certification
UL
Accessories
Item
Designation
Description
General
3074402
DP-UW 25
Spacer plate, Color: gray
3074075
POT-UW 25
Sealing plate, Color: gray
3074541
UW 25-F
Flange cover, Color: gray
Marking
0828295
TMT (EX9,5)R
Terminal marking with 9.5 mm strip height, continuous, without
color print, for all terminals with ZB or ZBF groove, can be labeled
using a thermal transfer printer, 1 roll = 50 m
0816605
TMT 100 R
Marker for terminal blocks, unperforated, unprinted, for all terminal
blocks with ZB or ZBF groove, can be labeled with thermal
transfer printer, 1 roll = 1000 strips, strip height: 6.4 mm, strip
width 101.5 mm
0811972
ZB 15:UNBEDRUCKT
Zack marker strip, unprinted: 5-section, for individual labeling with
M-PEN, ZB-T or CMS system, sufficient for 100 terminal blocks,
for a terminal width of 15 mm, color: White



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com