Electronic Components Datasheet Search
  English  ▼

X  

0809735 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0809735
Description  UW 16
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809735 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0809735 Datasheet HTML 1Page - PHOENIX CONTACT 0809735 Datasheet HTML 2Page - PHOENIX CONTACT 0809735 Datasheet HTML 3Page - PHOENIX CONTACT 0809735 Datasheet HTML 4Page - PHOENIX CONTACT 0809735 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
May 9, 2011
Extract from the online
catalog
 
UW 16
Order No.: 3073348
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3073348
 
 
Feed-through terminal block, Connection method: Screw connection,
Load current : 101 A, Cross-section: 6 mm² - 25 mm², Connection
direction of the conductor to plug-in direction: 0 °, Width: 12.1 mm,
Color: gray
 
Commercial data
GTIN (EAN)
4
046356
344593
sales group
A420
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 50 (NTK-2010)
Product notes
WEEE/RoHS-compliant since:
02/07/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
gray


Similar Part No. - 0809735

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0809735 PHOENIX-0809735 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 12: UNPRINTED
More results

Similar Description - 0809735

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3073319 PHOENIX-3073319 Datasheet
115Kb / 5P
UW 4/S
3073351 PHOENIX-3073351 Datasheet
132Kb / 8P
Panel feed-through terminal block - UW 16/S
3073364 PHOENIX-3073364 Datasheet
101Kb / 5P
UW 25
3073377 PHOENIX-3073377 Datasheet
117Kb / 5P
UW 25/S
3073487 PHOENIX-3073487 Datasheet
126Kb / 8P
Panel feed-through terminal block - UW 16-POT
3073490 PHOENIX-3073490 Datasheet
131Kb / 8P
Panel feed-through terminal block - UW 16-POT/S
1844390 PHOENIX-1844390 Datasheet
513Kb / 14P
Panel feed-through terminal block - PWO 16-UW/S
Jun 29, 2022
1844387 PHOENIX-1844387 Datasheet
498Kb / 12P
Panel feed-through terminal block - PWO 16-UW
Jul 20, 2022
3074062 PHOENIX-3074062 Datasheet
111Kb / 4P
Sealing plate - POT-UW 16
Jul 29, 2022
3074059 PHOENIX-3074059 Datasheet
111Kb / 4P
Sealing plate - POT-UW 10
Jul 29, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com