Electronic Components Datasheet Search
  English  ▼

X  

231 Datasheet(PDF) 1 Page - Littelfuse

Part # 231
Description  MINIATURE FUSES - 6.3x32 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

231 Datasheet(HTML) 1 Page - Littelfuse

  231 Datasheet HTML 1Page - Littelfuse 231 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050916
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
2.00 A
1200
500 V
800
3.0
0.35
2.50 A
1250
500 V
800
3.0
0.44
3.15 A
1315
500 V
800
3.0
0.75
4.00 A
1400
500 V
700
3.6
1.6
5.00 A
1500
500 V
600
3.6
2.5
6.30 A
1630
500 V
600
3.6
5
8.00 A
1800
500 V
600
5.2
10
10.00 A
2100
500 V
500
5.2
20
12.50 A
2125
500 V
500
6.3
38
16.00 A
2160
500 V
480
6.3
68
1000A / 500VAC
50-60Hz
cos ϕ = 1.0
∅ 6,3
32
2
2
2
2
2
2
1,2
1
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 80
80
80
80
80% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
002: Pack (100 pcs.)
Materials
Materials
Materials
Materials
Materials
Tube:
Ceramic
End Caps: Nickel-plated brass
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25 ºC to +70 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-25 ºC/+70 ºC/21 days (EN 60068-1..3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Marking
Marking
Marking
Marking
Marking
, FF, Current Rating, 500 V, E
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
2.5 g (approx.)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
231
Special T
Special T
Special T
Special T
Special Type, 500 V
ype, 500 V
ype, 500 V
ype, 500 V
ype, 500 V, FF
, FF
, FF
, FF
, FF
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Very Quick Acting (FF)
Standard
Standard
Standard
Standard
Standard
None
Approvals
Approvals
Approvals
Approvals
Approvals
None
Features
Features
Features
Features
Features
Designed for semiconductor protection
For high voltage applications
High breaking capacity
Pluggable into clips or shocksafe holders
6.3x32 mm / No. 231
231
231
231
231
Leadfree
Leadfree
Leadfree
Leadfree
Leadfree
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Rated Current
1.0 x I
N
1.5 x I
N
2.75 x I
N
4 x I
N
10 x I
N
2.00 A ... 16.00 A
> 1 h
< 30 min
2 ms ... 100 ms 1 ms ... 25 ms
< 3 ms
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.0 x I
N
10 x I
N
max. (mV)
max. (W)
max. (A2s)
1 16.00 A: 0.9 x I
N > 1 h
2 Depending on the application and mounting, the fuse heating at max. ambient temperature in a closed fuseholder should be considered.
None
Specifications are subject
to change without notice


Similar Part No. - 231

ManufacturerPart #DatasheetDescription
logo
Littelfuse
231 LITTELFUSE-231 Datasheet
70Kb / 2P
6.3x32 mm MINIATURE FUSES
logo
Marl International Limi...
231 MARL-231 Datasheet
283Kb / 5P
Direct replacement for BA15s
logo
3M Electronics
231 3M-231 Datasheet
126Kb / 5P
3M™ High Performance Masking Tape 231/231A
Jul-2015
logo
France Joint
231 FRANCEJOINT-231 Datasheet
370Kb / 2P
ROD SEALS
logo
Marquardt Management SE
231 009 011 MARQUARDT-231 009 011 Datasheet
547Kb / 5P
SERIES 1004 / 1005 / 1006 - ENCLOSED SNAP ACTION SWITCHES
More results

Similar Description - 231

ManufacturerPart #DatasheetDescription
logo
Littelfuse
181 LITTELFUSE-181 Datasheet
88Kb / 2P
MINIATURE FUSES - 5x20 mm
194 LITTELFUSE-194 Datasheet
88Kb / 2P
MINIATURE FUSES - 5x20 mm
230 LITTELFUSE-230 Datasheet
60Kb / 2P
MINIATURE FUSES - 5x20 mm
311 LITTELFUSE-311 Datasheet
100Kb / 2P
MINIATURE FUSES - 5x20 mm
356 LITTELFUSE-356 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32 mm
801 LITTELFUSE-801 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
230 LITTELFUSE-230_1 Datasheet
60Kb / 2P
5x20 mm MINIATURE FUSES
231 LITTELFUSE-231_1 Datasheet
70Kb / 2P
6.3x32 mm MINIATURE FUSES
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com