Electronic Components Datasheet Search
  English  ▼

X  

BIBS2012 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # BIBS2012
Description  MULTI-PORT Single-Sided Entry.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BIBS2012 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  BIBS2012 Datasheet HTML 1Page - Hubbell Incorporated. BIBS2012 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Hex Key
3/16
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Material - Hardware
Aluminum
Number Of Ports
12
Physical Attribute - Number of Screws
12
Physical Attribute - Screw Type
Allen
Plated
N
Plating Type
Unplated
Temperature Rating
194
Trade Name
UNITAP™
UPC
781810232941
UPC 12 Digit
7818102329411
Dimensions
Dimension - Height fraction
1.375 in
Dimension - Height inch
1.38 in
Dimension - L Length Overall mm
209 mm
Dimension - Length Overall inch
8.24 in
Dimension - Width fraction
1-31/100 in
Dimension - Width inch
1.31 in
Dimension - Width mm
33 mm
Electrical Ratings
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size
8 AWG;6 AWG;4 AWG;3 AWG;2 AWG;1 AWG;1/0 AWG;2/0 AWG
Conductor - AL Str Size Range
8 AWG-2/0 AWG
Conductor - Copper Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG;3
AWG;2 AWG;1 AWG;1/0 ;2/0 Str
Conductor - Copper Str Size Range
14 AWG-2/0 Str
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Listed Direct Burial
No
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
5
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BIBS2/012
by Burndy
Catalog ID: BIBS2/012
Prop 65 Notice
MULTI-PORT Single-Sided Entry.


Similar Part No. - BIBS2012

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BIBS2012FX HUBBELL-BIBS2012FX Datasheet
259Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS2012FXMT HUBBELL-BIBS2012FXMT Datasheet
260Kb / 2P
MOUNTING VERSIONMULTI-PORTSingle-Sided Entry.
BIBS2012MT HUBBELL-BIBS2012MT Datasheet
263Kb / 2P
MOUNTING VERSIONMULTI-PORTSingle-Sided Entry.
More results

Similar Description - BIBS2012

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BIBS205 HUBBELL-BIBS205 Datasheet
264Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS208 HUBBELL-BIBS208 Datasheet
262Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS2010 HUBBELL-BIBS2010 Datasheet
262Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS2010FX HUBBELL-BIBS2010FX Datasheet
262Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS2012FX HUBBELL-BIBS2012FX Datasheet
259Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS2014FX HUBBELL-BIBS2014FX Datasheet
260Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS3503FX HUBBELL-BIBS3503FX Datasheet
262Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS35010 HUBBELL-BIBS35010 Datasheet
262Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS35012FX HUBBELL-BIBS35012FX Datasheet
262Kb / 2P
MULTI-PORT Single-Sided Entry.
BIBS60012 HUBBELL-BIBS60012 Datasheet
261Kb / 2P
MULTI-PORT Single-Sided Entry.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com