Electronic Components Datasheet Search
  English  ▼

X  

AS8846 Datasheet(PDF) 10 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 10 Page - ams AG

Back Button AS8846 Datasheet HTML 6Page - ams AG AS8846 Datasheet HTML 7Page - ams AG AS8846 Datasheet HTML 8Page - ams AG AS8846 Datasheet HTML 9Page - ams AG AS8846 Datasheet HTML 10Page - ams AG AS8846 Datasheet HTML 11Page - ams AG AS8846 Datasheet HTML 12Page - ams AG AS8846 Datasheet HTML 13Page - ams AG AS8846 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 10 of 35
Programming Capabilities
There are in total 18 registers to program the behavior of the AS8446 via the Three Wire Interface
Register No
Register Name
Meaning
R1<4:0>
SRon
EMC parameter 1, rising edge
R2<4:0>
SRon_stat
EMC parameter 2, rising edge
R3<2:0>
SRon_min
EMC parameter 3, rising edge
R4<4:0>
SRoff
EMC parameter 1, falling edge
R5<3:0>
Sroff_stat
EMC parameter 2, falling edge
R6<1:0>
Acu_on/off
EMC parameter, rising and falling edge, multiplying factor 1 or 2
R7<4:0>
AV_TRIMM
Motor current measurement amplification (steps of 1.25%)
R8<1:0>
AV_RANG_norm
Motor current measurement amplification, normal measurement channel (large
steps)
R9<2:0>
OVERC_level
Over current threshold value
R10<1:0>
AV_RANG_over
Motor current measurement amplification, over current measurement channel
(large steps)
R11<2:0>
VBAT_RANG
Range of supply voltage (max. battery voltage to measure)
R12<2:0>
OVER_VOLT
Over voltage threshold value
R13<2:0>
UNDER_VOLT
Under voltage threshold value
R14<0:0>
VPUMP_MIN
Min. pumped voltage (Vpump – Vbat)
R15<3:0>
ADC_CH
Selection of one of the analog channel to be connected to pin ADC (Analog-
MUX)
R16<0:0>
WATCH_D
Switch on or off of watch dog function
R17<1:0>
SLEEP
Switch on or off of sleep mode
R18<7:0>
FAILURE_STAT
Failure status register
Full descriptions of all registers see below.
Table 10
Meaning of the AS 8446 registers.
Driver Programming (Slew Rate Regulation Parameters)
The Power FET driver is controlled in two different ways:
1. By the digital input PWM (output of the PWM generator of the
µP) to realize the PWM duty cycle of the motor drive for
regulating the motor current, speed or voltage in the closed loop.
2. By the dynamically self-adjusting slew rate regulated switching technology during the rising and falling edges of the
motor voltage.
There are 6 registers to program the driving parameters in different time intervals of the rising and the falling edge of the motor
voltage independently (definition of the time functions of the power FET driver gate currents in wide ranges):
Rising edge: registers R1<4:0>, R2<4:0>, R3<2:0> and R6<0>
Falling edge: registers R4<4:0>, R5<3:0> and R6<1>
These registers can be programmed via the Three-Wire Interface and thus the EMC behavior of the system (motor, power
switches, cables) can be adapted and optimized to a particular application. Although the total rising and falling times are very
short ( tRISE or tFALL < 150 ns with driver currents to the power FET gate up to 500 mA), the RF emission (EMC) is very low.
See also section Summary of all programmable registers (parameters, functions).
A detailed description of these programming and EMC optimization will be given in the application manual of the AS8446.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com