Electronic Components Datasheet Search
  English  ▼

X  

HEPD80W Datasheet(PDF) 2 Page - Schneider Electric

Part # HEPD80W
Description  SPD, HEPD type 1, 120/240 V, 1 PH, 3 wire, 80 kA, wholesale
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HEPD80W Datasheet(HTML) 2 Page - Schneider Electric

  HEPD80W Datasheet HTML 1Page - Schneider Electric HEPD80W Datasheet HTML 2Page - Schneider Electric HEPD80W Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UL 1449:ed. 4 type II
Ambient Operating
-31…149 °F (-35…65 °C)
Ordering and shipping details
Category
08461 - SURGE PROTECTION RESI
Discount Schedule
DE1B
GTIN
00785901139911
Returnability
Yes
Country of origin
US
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com