Electronic Components Datasheet Search
  English  ▼

X  

SL3ICS3001FW Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SL3ICS3001FW
Description  UCODE HSL
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS3001FW Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SL3ICS3001FW Datasheet HTML 18Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 19Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 20Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 21Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 22Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 23Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 24Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 25Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
SL3ICS3001_072831
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 9 July 2012
072831
22 of 54
NXP Semiconductors
SL3ICS3001
UCODE HSL
9.6 Start-up Time
In general no special rise time is required. However, before starting data transmission to
the tag, the interrogator has to establish a permanent carrier. If one uses the begin of
ramp up of the field as starting time of a new command (as may desired after a frequency
hop, to shorten the communication time) the values defined in Figure 11 and Table 21
hold.
Note: Respecting above values, the power up process can be used for the
PREAMBLE_DETECT field. If the power interruption for the tag was in the range of
tNN <t  tSD, a TAG RESYNC has to be used before the next command (see Section 9.7).
9.7 Power interruptions
Power interruptions of different times will lead to the following consequences:
Fig 11. RF envelope - power up waveform
Table 21.
Timing limits
Symbol
Min
Typ
Max
Unit
tr
030
s
ts
400
s
tr
ts
0%
100%
10%
90%
Table 22.
Tag reaction on power interruptions
Power interruption time: Tinterrupt
Consequences
FROM
TO
0tNN
No notice of interruption by the tag
tNN
tSD
Start of demodulation by the tag due to the interrupt
may happen, if the tag is not reset due to power
shortage.
tSD
tDE_SB
Date exchange status bit stays valid, despite that the
digital state information is lost.
tDE_SB
Tag looses all internal state information and the data
exchange status bit is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com