Electronic Components Datasheet Search
  English  ▼

X  

SL2S1602FUD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SL2S1602FUD
Description  ICODE ILT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S1602FUD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SL2S1602FUD Datasheet HTML 9Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 10Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 11Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 12Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 13Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 14Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 15Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 16Page - NXP Semiconductors SL2S1602FUD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
NXP Semiconductors
SL2S1402_SL2S1502_SL2S1602
ICODE ILT
SL2S1402_SL2S1502_SL2S1602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 15 October 2019
COMPANY PUBLIC
234333
13 / 33
aaa-003708
Class Identifier
Byte 0
MS Byte
MS Bit
LS Bit
TID
Mask-Designer Identifier
Model Number
XTID Header
SNR
0
0
0
7
Bits
11
11
15
0
0
47
47
Bits
07h
13h
1Fh
5F
00h
Addresses
5Fh
00h
Addresses
08h
14h
20h
2Fh
30h
Addresses
E2h
(EAN.UCC)
TID Example
(ICODE ILT)
006h
(NXP)
802h
(ICODE ILT)
0000h
000000000000h - FFFFFFFFFFFFh
Sub Version Number
Version Number
0000b
1b
0000010b
(ICODE ILT)
6
0
0 3
Bits
0
1Fh
14h
18h
Addresses
19h
LS Byte
Byte 11
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Figure 5. TID for ICODE ILT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com