Electronic Components Datasheet Search
  English  ▼

X  

PRF7T Datasheet(PDF) 1 Page - Schneider Electric

Part # PRF7T
Description  Performance SurgeArrest 7 Outlet w/Tel 120V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PRF7T Datasheet(HTML) 1 Page - Schneider Electric

  PRF7T Datasheet HTML 1Page - Schneider Electric PRF7T Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
PRF7T
Performance SurgeArrest 7 Outlet w/Tel 120V
PRF7T has not been replaced. Please contact your customer
care center for more information.
Overview
Model Name
Performance SurgeArrest 7 Outlet w/Tel 120V
Includes
1.8 Meter Tel cable (2) , User Manual
Standard Lead Time
Usually in Stock
Product Distribution
Canada , Mexico , United States
Output
Number of Outlets
7
Receptacle Style
NEMA 5-15R
Input
Nominal Input Voltage
120V
Input Frequency
50/60 Hz +/- 5 Hz (auto sensing)
Input Connections
NEMA 5-15P
Maximum Line Current per phase
15.0 A
Surge Protection and Filtering
Surge energy rating
480 Joules
EP Joule Rating
3420 Joules
EMI/RFI Noise rejection (100 kHz to
10 MHz)
70.0 dB
Peak Current Normal Mode
13 kA
Peak Current Common Mode
26.0 kA
Data Line Protection
RJ-11 Modem/Fax protection (two wire single line)
Let Through Voltage Rating
40
Physical
Net Weight
2.1 lbs (0.95 kg)
Maximum Height
2.0 inches (51.0 mm)
Maximum Width
4.25 inches (108.0 mm)
Maximum Depth
10.5 inches (267.0 mm)
Apr 8, 2020
1


Similar Part No. - PRF7T

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PRF7 SCHNEIDER-PRF7 Datasheet
81Kb / 2P
Performance SurgeArrest 7 Outlet 120V
Apr 8, 2020
More results

Similar Description - PRF7T

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
NET3 SCHNEIDER-NET3 Datasheet
70Kb / 2P
Network SurgeArrest 3 Outlet 120V
Apr 8, 2020
NET3T SCHNEIDER-NET3T Datasheet
88Kb / 2P
Network SurgeArrest 3 Outlet w/Tel 120V
Apr 8, 2020
PRF7 SCHNEIDER-PRF7 Datasheet
81Kb / 2P
Performance SurgeArrest 7 Outlet 120V
Apr 8, 2020
PRF8T2 SCHNEIDER-PRF8T2 Datasheet
91Kb / 2P
Performance SurgeArrest 8 Outlet w/Tel 120V
Apr 8, 2020
PRF8T2BUN SCHNEIDER-PRF8T2BUN Datasheet
54Kb / 2P
APC Performance SurgeArrest 8 Outlet W/2 line Tel protection -3 pack
Apr 8, 2020
PRF8TT SCHNEIDER-PRF8TT Datasheet
91Kb / 2P
Performance SurgeArrest 8 Outlet w/Tel-2 120V
Apr 8, 2020
PRF10TVNR SCHNEIDER-PRF10TVNR Datasheet
54Kb / 2P
Performance SurgeArrest 10 Outlet w/Tel, Coax & Network 120V Retail
Apr 8, 2020
PRO8T2C SCHNEIDER-PRO8T2C Datasheet
109Kb / 2P
Professional SurgeArrest 8 Outlet w/Tel-2 Clear 120V
Apr 8, 2020
PRO10TR SCHNEIDER-PRO10TR Datasheet
102Kb / 2P
APC PROFESSIONAL SURGEARREST 10 OUTLET W/TEL 120V RETAIL
PRO10TV2R SCHNEIDER-PRO10TV2R Datasheet
98Kb / 2P
APC PROFESSIONAL SURGEARREST 10 OUTLET W/TEL & 2COAX 120V RETAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com