Electronic Components Datasheet Search
  English  ▼

X  

PRO8 Datasheet(PDF) 1 Page - Schneider Electric

Part # PRO8
Description  APC Professional SurgeArrest, 8 outlet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PRO8 Datasheet(HTML) 1 Page - Schneider Electric

  PRO8 Datasheet HTML 1Page - Schneider Electric PRO8 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
PRO8
APC Professional SurgeArrest, 8 outlet
PRO8 has not been replaced. Please contact your customer
care center for more information.
Overview
Model Name
APC Professional SurgeArrest, 8 outlet
Includes
User Manual
Standard Lead Time
Usually in Stock
Product Distribution
Canada , Mexico , United States
Output
Number of Outlets
8
Receptacle Style
NEMA 5-15R
Input
Nominal Input Voltage
120V
Input Frequency
50/60 Hz +/- 5 Hz (auto sensing)
Input Connections
NEMA 5-15P
Maximum Line Current per phase
15.0 A
Cord Length
6 feet (1.83 meters)
Surge Protection and Filtering
Surge energy rating
1120 Joules
EP Joule Rating
1760 Joules
EMI/RFI Noise rejection (100 kHz to
10 MHz)
60.0 dB
Peak Current Normal Mode
13 kA
Peak Current Common Mode
13.0 kA
Data Line Protection
--
Data Lines Protected(multi-line only)
--
Let Through Voltage Rating
85
Physical
Net Weight
1.9 lbs (0.86 kg)
Maximum Height
1.75 inches (44.0 mm)
Apr 8, 2020
1


Similar Part No. - PRO8

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PRO8T2 SCHNEIDER-PRO8T2 Datasheet
81Kb / 2P
APC Professional SurgeArrest, 8 outlet, 2 pairs phone line protection
Apr 8, 2020
PRO8T2C SCHNEIDER-PRO8T2C Datasheet
109Kb / 2P
Professional SurgeArrest 8 Outlet w/Tel-2 Clear 120V
Apr 8, 2020
PRO8T2MP12B SCHNEIDER-PRO8T2MP12B Datasheet
56Kb / 2P
APC PROFESSIONAL SURGEARREST 8 OUTLET W/TEL2 BLACK 120V
PRO8TV SCHNEIDER-PRO8TV Datasheet
117Kb / 2P
APC Professional SurgeArrest, 8 outlet, phone line & coax protection
More results

Similar Description - PRO8

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
NET7 SCHNEIDER-NET7 Datasheet
76Kb / 2P
APC Network SurgeArrest, 7 outlet
Apr 8, 2020
NET8 SCHNEIDER-NET8 Datasheet
114Kb / 2P
APC Network SurgeArrest, 8 outlet
Apr 8, 2020
NET8N SCHNEIDER-NET8N Datasheet
117Kb / 2P
APC Network SurgeArrest, 8 outlet, network line protection
Apr 8, 2020
PRO7 SCHNEIDER-PRO7 Datasheet
89Kb / 2P
APC Professional SurgeArrest, 7 outlet
Apr 8, 2020
PRO7T SCHNEIDER-PRO7T Datasheet
77Kb / 2P
APC Professional SurgeArrest, 7 outlet, phone
Apr 8, 2020
PRO8T2 SCHNEIDER-PRO8T2 Datasheet
81Kb / 2P
APC Professional SurgeArrest, 8 outlet, 2 pairs phone line protection
Apr 8, 2020
PRO8T2MP12B SCHNEIDER-PRO8T2MP12B Datasheet
56Kb / 2P
APC PROFESSIONAL SURGEARREST 8 OUTLET W/TEL2 BLACK 120V
PRO8TV SCHNEIDER-PRO8TV Datasheet
117Kb / 2P
APC Professional SurgeArrest, 8 outlet, phone line & coax protection
PRO10TR SCHNEIDER-PRO10TR Datasheet
102Kb / 2P
APC PROFESSIONAL SURGEARREST 10 OUTLET W/TEL 120V RETAIL
PRO10TV2R SCHNEIDER-PRO10TV2R Datasheet
98Kb / 2P
APC PROFESSIONAL SURGEARREST 10 OUTLET W/TEL & 2COAX 120V RETAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com