Electronic Components Datasheet Search
  English  ▼

X  

PCA9510ADP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9510ADP
Description  Hot swappable I2C-bus and SMBus bus buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9510ADP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9510ADP Datasheet HTML 3Page - NXP Semiconductors PCA9510ADP Datasheet HTML 4Page - NXP Semiconductors PCA9510ADP Datasheet HTML 5Page - NXP Semiconductors PCA9510ADP Datasheet HTML 6Page - NXP Semiconductors PCA9510ADP Datasheet HTML 7Page - NXP Semiconductors PCA9510ADP Datasheet HTML 8Page - NXP Semiconductors PCA9510ADP Datasheet HTML 9Page - NXP Semiconductors PCA9510ADP Datasheet HTML 10Page - NXP Semiconductors PCA9510ADP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PCA9510A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 8 September 2005
7 of 23
Philips Semiconductors
PCA9510A
Hot swappable I2C-bus and SMBus bus buffer
turn-on delay and the falling edge slew rate. The output falling edge slew rate is a function
of the internal maximum slew rate which is a function of temperature, VCC and process, as
well as the load current and the load capacitance.
8.5 READY digital output
This pin provides a digital flag which is LOW when either ENABLE is LOW or the start-up
sequence described earlier in this section has not been completed. READY goes HIGH
when ENABLE is HIGH and start-up is complete. The pin is driven by an open-drain
pull-down capable of sinking 3 mA while holding 0.4 V on the pin. Connect a resistor of
10 k
Ω to V
CC to provide the pull-up.
8.6 ENABLE low current disable
Grounding the ENABLE pin disconnects the backplane side from the card side, disables
the rise-time accelerators, drives READY LOW, disables the bus precharge circuitry, and
puts the part in a low current state. When the pin voltage is driven all the way to VCC, the
part waits for data transactions on both the backplane and card sides to be complete
before reconnecting the two sides.
8.7 Resistor pull-up value selection
The system pull-up resistors must be strong enough to provide a positive slew rate of
1.25 V/
µs on the SDAn and SCLn pins, in order to activate the boost pull-up currents
during rising edges. Choose maximum resistor value using the formula:
where RPU is the pull-up resistor value in Ω, VCC(min) is the minimum VCC voltage in volts,
and C is the equivalent bus capacitance in picofarads.
In addition, regardless of the bus capacitance, always choose RPU ≤ 16 kΩ for
VCC = 5.5 V maximum, RPU ≤ 24 kΩ for VCC = 3.6 V maximum. The start-up circuitry
requires logic HIGH voltages on SDAOUT and SCLOUT to connect the backplane to the
card, and these pull-up values are needed to overcome the precharge voltage. See the
curves in Figure 5 and Figure 6 for guidance in resistor pull-up selection.
R
PU
800
10
3
×
V
CC min
()
0.6
–
C
-----------------------------------


≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com