Electronic Components Datasheet Search
  English  ▼

X  

23902.5 Datasheet(PDF) 2 Page - Littelfuse

Part # 23902.5
Description  Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

23902.5 Datasheet(HTML) 2 Page - Littelfuse

  23902.5 Datasheet HTML 1Page - Littelfuse 23902.5 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
436
www .littelfuse .com
0239 000
1
20+0.5
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
0239 000XE
2
0.65*
40
22.5 MAX
5.8 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
1 For RoHS compliant parts
add suffix 'XP'
2 For RoHS compliant parts
add suffix 'P'
CURRENT IN AMPERES
10000
1000
100
10
1
0.1
0.01
0.01
1
10
100
1000
0.001
Average Time Current Curves
5 x 20 mm Time Lag Fuse (Slo-Blo® Fuse) 239 Series
®
UL
®
RoHS
Agency Approvals
Agency Approvals
Ampere Range
®
Certificate No. SU05001-2004
200mA – 3.15A
SU05001-2014
4A – 7A
Listed File No.
E10480
Guide No.
JDYX
File No.
029862
Cert. Class No.
LR1422-01
Certificate No. Cartridge
NBK290502-E10480 G
1A – 3A 250V 100A
NBK280602-E10480 C
4A & 5A 125V 10000A
NBK290502-E10480 I
7A
125V 500A
Leaded
NBK290502-E10480 H
1A – 3A 250V 100A
NBK280602-E10480 D
4A & 5A 125V 10000A
NBK290502-E10480 J
7A
125V 500A
200mA – 7A
®
UL
Pb
Designed to UL/CSA Standards
11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com