Electronic Components Datasheet Search
  English  ▼

X  

241 Datasheet(PDF) 1 Page - Littelfuse

Part # 241
Description  MINIATURE FUSES - 5x25mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

241 Datasheet(HTML) 1 Page - Littelfuse

  241 Datasheet HTML 1Page - Littelfuse 241 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
050914
80A
50Hz
cosϕ=1.0
1500A
50Hz
cosϕ=0.7
160
150
4
4
4
1
1
1
1
1
1
1
12
2
2
Ausf. / type: 80mA ... 1,25A
Ausf. / type: 1,6A ... 6,3A
cap with indicator
Kappe mit Kennmelder
25±0,5
25±0,5
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 80
80
80
80
80% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
002: Pack (100 pcs.)
Materials
Materials
Materials
Materials
Materials
Tube:
Ceramic
End Caps: Nickel-plated brass
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25ºC to +70ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-25ºC/+70ºC/21 days (EN 60068-1..3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Marking
Marking
Marking
Marking
Marking
, M, Current Rating, 250V
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
241
Indicator
Indicator
Indicator
Indicator
Indicator, 250V
, 250V
, 250V
, 250V
, 250V
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Medium Time Lag (M)
Standard
Standard
Standard
Standard
Standard
None
Approvals
Approvals
Approvals
Approvals
Approvals
None
5x25mm
5x25mm
5x25mm
5x25mm
5x25mm/ No. 241
241
241
241
241
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
color of indicator
Current
Code
Rating
Capacity
1.0 x I
Rated
1.5 x I
Rated
10 x I
Rated
max. (mV)
max. (W)
min. (A2s)
Rated Current
1.5 x I
Rated
2.1 x I
Rated 2.75 x IRated
4 x I
Rated
10 x I
Rated
80mA ... 100mA
>1h
<2min
-
40ms ... 500ms
5ms ... 30ms
125mA ... 1.25A
<2min
60ms ... 2s
5ms ... 70ms
1.6A ... 10A
<30min
60ms ... 2s
5ms ... 70ms
80mA
0080
250V
520
0.015
grey
100mA
0100
250V
500
0.030
red
125mA
0125
250V
500
0.053
velvet
160mA
0160
250V
400
0.11
orange
200mA
0200
250V
400
0.23
blue
250mA
0250
250V
375
0.38
yellow
315mA
0315
250V
410
0.60
black
400mA
0400
250V
280
0.75
brown
500mA
0500
250V
250
1.5
white
630mA
0630
250V
220
2.3
green
800mA
0800
250V
400
3.0
grey
1A
1100
250V
350
4.5
red
1.25A
1125
250V
315
6.8
velvet
1.6A
1160
250V
480
2.3
orange
2A
1200
250V
360
4.5
blue
2.5A
1250
250V
300
7.5
yellow
3.15A
1315
250V
250
30
black
4A
1400
250V
180
34
brown
6.3A
1630
250V
160
140
green
8A
1800
250V
170
grey
10A
2100
250V
260
red
on request
1
1.6 ... 10A looks like No. 240 2 not mentioned in the norms 3 operating temperature ≥ 10V 4 according to DIN 41576, T.2
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.


Similar Part No. - 241

ManufacturerPart #DatasheetDescription
logo
Littelfuse
241 LITTELFUSE-241 Datasheet
103Kb / 2P
5x25mm MINIATURE FUSES
logo
RUKO GmbH Präzisionswe...
241-001 RUKO-241-001 Datasheet
335Kb / 1P
Thread-cutting tools
241-002 RUKO-241-002 Datasheet
335Kb / 1P
Thread-cutting tools
241-010 RUKO-241-010 Datasheet
335Kb / 1P
Thread-cutting tools
241-020 RUKO-241-020 Datasheet
335Kb / 1P
Thread-cutting tools
More results

Similar Description - 241

ManufacturerPart #DatasheetDescription
logo
Littelfuse
193 LITTELFUSE-193 Datasheet
63Kb / 2P
MINIATURE FUSES
240 LITTELFUSE-240 Datasheet
79Kb / 2P
MINIATURE FUSES - 5x25mm
321 LITTELFUSE-321 Datasheet
71Kb / 2P
MINIATURE FUSES - 5x25mm
358 LITTELFUSE-358 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32mm
240 LITTELFUSE-240_06 Datasheet
79Kb / 2P
5x25mm MINIATURE FUSES
241 LITTELFUSE-241_06 Datasheet
103Kb / 2P
5x25mm MINIATURE FUSES
3110800002 LITTELFUSE-3110800002 Datasheet
100Kb / 2P
MINIATURE FUSES
3210080002 LITTELFUSE-3210080002 Datasheet
72Kb / 2P
MINIATURE FUSES
3540630002 LITTELFUSE-3540630002 Datasheet
73Kb / 2P
MINIATURE FUSES
20100630021P LITTELFUSE-20100630021P Datasheet
87Kb / 2P
MINIATURE FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com