Electronic Components Datasheet Search
  English  ▼

X  

74HC541 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74HC541
Description  Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC541 Datasheet(HTML) 4 Page - ON Semiconductor

  74HC541 Datasheet HTML 1Page - ON Semiconductor 74HC541 Datasheet HTML 2Page - ON Semiconductor 74HC541 Datasheet HTML 3Page - ON Semiconductor 74HC541 Datasheet HTML 4Page - ON Semiconductor 74HC541 Datasheet HTML 5Page - ON Semiconductor 74HC541 Datasheet HTML 6Page - ON Semiconductor 74HC541 Datasheet HTML 7Page - ON Semiconductor 74HC541 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74HC541A
http://onsemi.com
4
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
TEST CIRCUITS
Figure 3.
Figure 4.
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
1k
Ω
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ and tPZH.
PIN DESCRIPTIONS
INPUTS
A1, A2, A3, A4, A5, A6, A7, A8 (PINS 2, 3, 4, 5, 6, 7, 8,
9) — Data input pins. Data on these pins appear in
non–inverted form on the corresponding Y outputs, when
the outputs are enabled.
CONTROLS
OE1, OE2 (PINS 1, 19) — Output enables (active–low).
When a low voltage is applied to both of these pins, the
outputs are enabled and the device functions as an
non–inverting buffer. When a high voltage is applied to
either input, the outputs assume the high impedance state.
OUTPUTS
Y1, Y2, Y3, Y4, Y5, Y6, Y7, Y8 (PINS 18, 17, 16, 15, 14,
13, 12, 11) — Device outputs. Depending upon the state of
the
output
enable
pins,
these
outputs
are
either
non–inverting outputs or high–impedance outputs.
VCC
To 7 Other
Buffers
LOGIC DETAIL
One of Eight
Buffers
INPUT A
OE1
OE2
OUTPUT Y



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com