Electronic Components Datasheet Search
  English  ▼

X  

265 Datasheet(PDF) 1 Page - Littelfuse

Part # 265
Description  PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

265 Datasheet(HTML) 1 Page - Littelfuse

  265 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High-Reliability Subminiature
Axial Lead and Cartridge Fuses
PICO® Fuse Very Fast-Acting Fuse 265/266/267 Series
284
www .littelfuse .com
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
100%
1/16 –15
4 hours, Minimum
1/16 –7
1 second, Maximum
200%
10
3 seconds, Maximum
15
10 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
FUSES TO MIL SPEC: 265 Series (except 1/16 ampere rating) is
available in FM08A on QPL for MIL-PRF-23419/8. To order, change 265
to 267.
INTERRUPTING RATINGS:
300 amperes at rated voltage VDC
50 amperes at rated voltage VAC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz);
MIL-STD-202, Method 204, Test Condition C (55–2000 Hz at 10 G’s Peak).
Salt Spray: MIL-STD-202, Method 101, Test Condition B.
Seal Test: MIL-STD-202, Method 112, Test Condition A.
Insulation Resistance (After Opening): MIL-STD-202, Method
302, Test Condition A (1/2 Megohm minimum).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65°C to 125°C).
Moisture Resistance: MIL-STD-202, Method 106.
PHYSICAL SPECIFICATIONS:.
Materials: Gold-Plated Copper Leads, Type II
Weight: .32 Grams
Solderability: MIL-STD-202, Method 208.
Lead Pull Force: MIL-STD-202, Method 211,
Test Condition A (will withstand a 5 lb. axial pull test).
AQL (Electrical Characteristics): Certified to 1% AQL.
Sampling: Per MIL-STD-105, Inspection Level II.
Traceability and Identification Records: Controlled by lot
number and retained on file for a minimum of three years. Copies of
Lot Certification Test data available when requested with order.
OPTIONS: Special screening tests, burn-in, etc. can be supplied on
special order to meet specific requirements. For information on higher
current ratings, contact Littelfuse.
PATENTED
Axial Lead
Radial Lead
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Number
Number
Rating
Rating
Cold Ohms
265.062
266.062
1/16
125
7.0
265.125
266.125
1/8
125
2.1
265.250
266.250
1/4
125
0.71
265.375
266.375
3/8
125
0.42
265.500
266.500
1/2
125
0.28
265.750
266.750
3/4
125
0.17
265 001
266 001
1
125
0.125
265 01.5
266 01.5
11/2
125
0.08
265 002
266 002
2
125
0.055
265 02.5
266 02.5
21/2
125
0.042
265 003
266 003
3
125
0.03515
265 004
266 004
4
125
0.023
265 005
266 005
5
125
0.014
265 007
266 007
7
125
0.01
265 010
266 010
10
125
0.00645
265 015
266 015
15
32
0.004
ORDERING INFORMATION:
Please contact Littelfuse for Average Time Current Curve.
3/4 A
3/4 A
Transparent
Insulating Sleeve
Transparent
Insulating Sleeve
(1.50")
(1.50")
7.11
(.28")
7.11 (.28")
2.36 (.093")
DIA.
2.36 (.093")
DIA.
90
°
8.38 (.33) (Note 1)
37.33
(1.47")
(Note 1: 9.14 (.36") for 15 amp rating)
265 000 Series
266 000 Series
38.1
38.1
®
®
QPL
Next
Previous


Similar Part No. - 265

ManufacturerPart #DatasheetDescription
logo
3M Electronics
265 3M-265 Datasheet
562Kb / 5P
3M™ Scotch® Fine Line Tape 265
Jul-2008
logo
Walther-Werke
265 WALTHER-265 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Glenair, Inc.
265-002 GLENAIR-265-002 Datasheet
280Kb / 2P
Fiber Optic Genderless Terminus
265-002 GLENAIR-265-002 Datasheet
263Kb / 2P
Fiber Optic Genderless Terminus
logo
List of Unclassifed Man...
265-118ABHE-22 ETC-265-118ABHE-22 Datasheet
7Mb / 21P
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 265

ManufacturerPart #DatasheetDescription
logo
Littelfuse
459 LITTELFUSE-459 Datasheet
65Kb / 1P
PICO SMF Very Fast-Acting Type Fuse 459 Series
460 LITTELFUSE-460 Datasheet
26Kb / 1P
PICO SMF Very Fast-Acting Type Fuse 459 Series
0265.062V LITTELFUSE-0265.062V Datasheet
193Kb / 4P
265/266/267 Series, PICO짰, Very Fast-Acting Fuse (High-Reliability)
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
316 Series PICO짰II, Very Fast-Acting Fuse
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
logo
Bel Fuse Inc.
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0AKH BEL-0AKH Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com