Electronic Components Datasheet Search
  English  ▼

X  

281 Datasheet(PDF) 1 Page - Littelfuse

Part # 281
Description  Fuseholders - For MicroTM Fuse or Pico II Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

281 Datasheet(HTML) 1 Page - Littelfuse

  281 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
281 001 Series
“Push-On”
281 000 Series
Vertical
281 000 Series
Horizontal
Fuseholder will accept Littelfuse MICRO™ fuses and PICO® II fuses (rated
to 5 amperes) with .025" diameter leads.
SPECIFICATIONS:
Electrical: Rated at 5 amperes for any voltage up to 125 volts.
Mounting: Maximum panel thickness is .09".
Molded Parts: Black Thermoset.
Terminals: Beryllium Copper, Silver-plated.
Ambient Temperature: – 40°C to +125°C.
Hardware: “Push-On” retaining nut.
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
FOR MICRO™ FUSE OR PICO® II FUSES
Vertical/Horizontal
P.C. Board Mount Type
Fuseholder will accept Littelfuse MICRO™ fuses and PICO® II fuses (rated
to 5 amperes) with .025" diameter leads.
SPECIFICATIONS:
Electrical: Rated at 5 amperes for any voltage up to 125 volts.
Molded Parts: White Thermoplastic.
Terminals: Copper Alloy.
Ambient Temperature: – 40°C to +100°C.
ORDERING INFORMATION:
Catalog Number
Terminal Plating
Mounting
281 005
Silver1
Vertical
281 008
Tin
Vertical
281 007
Silver1
Horizontal
281 010
Tin
Horizontal
1 UL Recognized.
®
.25"
.28"
.10"
.046" TYP.
.195"
.205"
.050"
.055"
.095"
.105"
DIA.
HOLES
(2)
.26"
.20"
.45" REF.
.25"
.39" REF.
.158"
.160"
.190"
.193"
.10"
REF.
.095"
.105"
.032"
.046" TYP.
.25"
DIA.
.23"
.23"
.18"
.195"
.205"
REF.
.219"
.229"
.050"
.055"
DIA.
HOLES
(2)
For LT-5
™ and TRS® Fuses
P.C. Board Mount Type
Fuse holder will accept Littelfuse LT-5TM and TRS® fuses up to 5 amperes.
SPECIFICATIONS:
Electrical: Rated at 5 amperes for any voltage up to 250 volts.
Molded Parts: Black Thermoplastic (UL 94VO).
Terminals: Tin-plated brass, gold inside.
ORDERING INFORMATION:
Catalog Number: 02800050
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
3
(.118")
3.2 (.126")
0
0.5(.02")
4.3
(.169")
0
9.5
(.374")
45°
5.08 (.2")
0
1 (.094")
QPL
“Push-On” Retaining Nut Chassis Mount Type
Pb
RoHS
Pb
RoHS
Pb
RoHS
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
477
www .littelfuse .com
13
Fuseholders
For MicroTM Fuse or Pico® II Fuses


Similar Part No. - 281

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
281 ETC-281 Datasheet
38Kb / 1P
High CMV, High Performance Isolation Amplifiers
logo
Intronics Power, Inc.
281 INTRONICS-281 Datasheet
1Mb / 6P
High CMV, High Performance Isolation Amplifiers
logo
List of Unclassifed Man...
281 ETC2-281 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
281 ETC2-281 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
logo
Advanced Energy Industr...
281 ADVANCEDENERGY-281 Datasheet
195Kb / 4P
MONROE 281
01 03.20
More results

Similar Description - 281

ManufacturerPart #DatasheetDescription
logo
Littelfuse
282 LITTELFUSE-282 Datasheet
90Kb / 1P
Fuseholders - For MicroTM Fuse Plug-In Fuses
286 LITTELFUSE-286 Datasheet
114Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
340 LITTELFUSE-340 Datasheet
53Kb / 1P
Fuseholders - For 3AG Fuses
342 LITTELFUSE-342 Datasheet
104Kb / 1P
Fuseholders - For 3AG Fuses
344 LITTELFUSE-344 Datasheet
92Kb / 1P
Fuseholders - For 3AG Fuses
155104U LITTELFUSE-155104U Datasheet
85Kb / 1P
Fuseholders - For Low Voltage 3AG or SFE Fuse Applications
571072 LITTELFUSE-571072 Datasheet
138Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
logo
Cooper Bussmann, Inc.
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
GMT COOPER-GMT Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com