Electronic Components Datasheet Search
  English  ▼

X  

282 Datasheet(PDF) 1 Page - Littelfuse

Part # 282
Description  Fuseholders - For MicroTM Fuse Plug-In Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

282 Datasheet(HTML) 1 Page - Littelfuse

  282 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF-Shielded Front Panel Mount Type/Rear Panel Mount Type
Space Saving. RF-shielded design holds miniature MICRO™ fuse. Screw-on drip-proof knob construction permits use when presence of moisture exists
at front of panels.
SPECIFICATIONS:
Electrical: Rated at 5 amperes for any voltage up to 125 volts.
Mounting: Front panel mount, maximum panel thickness: .093". Rear panel mount, maximum panel thickness: .125".
Molded Parts: Black thermoset.
Housing, Knob and Nut: Aluminum, untreated.
Mounting Gasket: Neoprene or conductive silicone.
Seal: Buna “N” O-ring inside the knob.
Terminals: Beryllium copper. Silver plated.
Ambient Temperature: – 40°C to +125°C.
Hardware: Hex nut or knurled nut as shown, unassembled.
.345"
.350"
.380"
.385"
.46" .015"
HEX NUT
PANEL
KNOB BODY
GASKET
.90" REF.
.66" REF.
.50" REF.
Mounting Hole
;;
;;
yy
yy
.345"
.350"
.380"
.385"
.46" .015"
GASKET
BODY
PANEL
KNOB
KNURLED NUT
.73" REF.
.10" REF.
.63" REF.
.50" REF.
.22" .015"
Mounting Hole
Front Panel Mount
282 000 Series
Rear Panel Mount
282 000 Series
ORDERING INFORMATION:
Catalog Number
Gasket Type
282 001
Neoprene
282 007
Conductive
ORDERING INFORMATION:
Catalog Number
Gasket Type
282 002
Neoprene
282 008
Conductive
Pb
RoHS
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
473
www .littelfuse .com
13
Fuseholders
For MicroTM Fuse Plug-In Fuses


Similar Part No. - 282

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
282-12.0M-SR-15ES OSCILENT-282-12.0M-SR-15ES Datasheet
156Kb / 3P
SMD 2 Pad
282-12.0M-SR-15EU OSCILENT-282-12.0M-SR-15EU Datasheet
156Kb / 3P
SMD 2 Pad
282-12.0M-SR-15EW OSCILENT-282-12.0M-SR-15EW Datasheet
156Kb / 3P
SMD 2 Pad
282-12.0M-SR-15GS OSCILENT-282-12.0M-SR-15GS Datasheet
156Kb / 3P
SMD 2 Pad
282-12.0M-SR-15GU OSCILENT-282-12.0M-SR-15GU Datasheet
156Kb / 3P
SMD 2 Pad
More results

Similar Description - 282

ManufacturerPart #DatasheetDescription
logo
Littelfuse
281 LITTELFUSE-281 Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
340 LITTELFUSE-340 Datasheet
53Kb / 1P
Fuseholders - For 3AG Fuses
342 LITTELFUSE-342 Datasheet
104Kb / 1P
Fuseholders - For 3AG Fuses
344 LITTELFUSE-344 Datasheet
92Kb / 1P
Fuseholders - For 3AG Fuses
logo
Cooper Bussmann, Inc.
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
HHC COOPER-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders for ATC짰 blade fuses
GMT COOPER-GMT Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
logo
Littelfuse
01500274Z LITTELFUSE-01500274Z_V01 Datasheet
167Kb / 1P
150 Series In-Line Fuseholders for 2AG or 5횞20mm Fuses
Revised: GD. 06/02/21
02810001H LITTELFUSE-02810001H_V01 Datasheet
590Kb / 2P
281/282 Series Panel Mount Holders for MICROTM/TR3 Fuses
Revised: 12/09/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com