Electronic Components Datasheet Search
  English  ▼

X  

299 Datasheet(PDF) 1 Page - Littelfuse

Part # 299
Description  Blade Terminal & Special Purpose Fuses - Low Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

299 Datasheet(HTML) 1 Page - Littelfuse

  299 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Blade Terminal & Special Purpose Fuses
453
www .littelfuse .com
Low Voltage
MAXI® Fuse Slo-Blo® Type Fuse
The MAXI Fuse is available in a higher range of amperage ratings
(20–80 amperes) than the MINI® Fuse and ATO® Fuse designs and is
larger in physical size. A typical MAXI Fuse application in today’s more
sophisticated automobile circuits is protection of the wiring harness by
replacing the fusible wire or fusible link, which is often a plain piece of
small wire.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
135%
20– 60
60 sec., Min.; 1800 sec., Max.
70 – 80
60 sec., Min.; 3600 sec., Max.
20
4 sec., Min.; 20 sec., Max.
30
6 sec., Min.; 30 sec., Max.
200%
40
8 sec., Min.; 40 sec., Max.
50
10 sec., Min.; 50 sec., Max.
60
15 sec., Min.; 60 sec., Max.
70 – 80
4 sec., Min.; 60 sec., Max.
20
.7 sec., Min.; 2 sec., Max.
30
1 sec., Min.; 4 sec., Max.
350%
40
1.4 sec., Min.; 5 sec., Max.
50
1.7 sec., Min.; 6 sec., Max.
60
2 sec., Min.; 7 sec., Max.
70 – 80
.2 sec., Min.; 2 sec., Max.
20
.15 sec., Min.; 1 sec., Max.
600%
30 – 60
.20 sec., Min.; 1 sec., Max.
70 – 80
.04 sec., Min.; .15 sec., Max.
AGENCY APPROVALS: Recognized under the components program
of Underwriters Laboratories.
DESIGN STANDARD: SAE (Society of Automotive Engineers) J1888.
PHYSICAL SPECIFICATIONS:
Materials: Body: Plastic
Terminations: Silver-Plated
PATENTED
INTERRUPTING RATING:
1000A @ 32VDC
ORDERING INFORMATION:
Average Time Current Curves
Ampere
Voltage
Body
Nominal Cold
Minimum
Catalog
Rating
Rating
Color
Resistance
Melting I2t
Number
(A)
(VDC)
Code
Ohms
(A2 Sec.)
299 020
20
32
Yellow
0.0031
1100
299 025
25
32
Gray
0.0024
2087
299 030
30
32
Green
0.0020
4070
299 035
35
32
Brown
0.0017
6032
299 040
40
32
Orange
0.0014
8450
299 050
50
32
Red
0.0011
11300
299 060
60
32
Blue
0.00089
15300
299 070
70
32
Tan
0.00064
6900
299 080
80
32
Natural
0.00054
8800
®
29.21
(1.15")
8.85
(.35")
29.21
(1.15")
21.59
(.85")
12.70
(.50")
8.13
(.32")
0.81
(.032")
Reference Dimensions
1000
100
10
1
0.1
0.01
10000
1000
100
10
1
CURRENT IN AMPERES
RoHS
12


Similar Part No. - 299

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
299 DBLECTRO-299 Datasheet
290Kb / 1P
PLUGGABLE SERIES
logo
Mill-Max Mfg. Corp.
299 MILL-MAX-299 Datasheet
197Kb / 1P
DUAL-IN-LINE SOCKETS Right Angle Mount Closed Frame
logo
Alpha Wire
299 ALPHAWIRE-299 Datasheet
97Kb / 3P
Customer Specification
2/20/2023
299 SV005 ALPHAWIRE-299 SV005 Datasheet
345Kb / 3P
Customer Specification
7/5/2017
logo
EDAC, All Rights Reserv...
299-006-299-198 EDAC-299-006-299-198 Datasheet
1Mb / 4P
Clipzin™ Connector
More results

Similar Description - 299

ManufacturerPart #DatasheetDescription
logo
Littelfuse
257 LITTELFUSE-257 Datasheet
55Kb / 1P
Blade Terminal & Special Purpose Fuses -Low Voltage
297 LITTELFUSE-297 Datasheet
54Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
298 LITTELFUSE-298 Datasheet
52Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
481 LITTELFUSE-481 Datasheet
38Kb / 1P
Blade Terminal & Special Purpose Fuses
482 LITTELFUSE-482 Datasheet
67Kb / 2P
Blade Terminal & Special Purpose Fuses
498 LITTELFUSE-498 Datasheet
66Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
995 LITTELFUSE-995 Datasheet
72Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
997 LITTELFUSE-997 Datasheet
59Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
999 LITTELFUSE-999 Datasheet
54Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
Blade Terminal & Special Purpose Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com