Electronic Components Datasheet Search
  English  ▼

X  

VB7638 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # VB7638
Description  N-Channel 60 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB7638 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  VB7638 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB7638 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB7638 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB7638 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB7638 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB7638 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VB7638 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-Source Voltage
Source-Drain Diode Forward Voltage
Threshold Voltage
Drain-Source Breakdown vs. Junction Temperature
VGS - Gate-to-Source Voltage (V)
10-8
10-6
10-4
10-2
10-10
0
6
12
18
24
30
TJ = 25 °C
TJ = 150 °C
0.6
0.9
1.2
1.5
1.8
2.1
- 50
- 25
0
25
50
75
100
125
150
175
ID =3.2 A
VGS =10V
TJ - Junction Temperature (°C)
0.00
0.04
0.08
0.12
0.16
0.20
012
345
67
89
10
TJ = 25 °C
TJ = 150 °C
VGS - Gate-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
- 1.2
- 0.9
- 0.6
- 0.3
0.0
0.3
0.6
- 50
- 25
0
25
50
75
100
125
150
175
ID = 250 µA
ID =5 mA
TJ - Temperature (°C)
TJ - Junction Temperature (°C)
60
64
68
72
76
80
- 50
- 25
0
25
50
75
100
125
150
175
ID =1mA
VB7638
www.VBsemi.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com