Electronic Components Datasheet Search
  English  ▼

X  

VBA3102M Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBA3102M
Description  N-Channel 100 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBA3102M Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBA3102M Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBA3102M Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBA3102M Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBA3102M Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBA3102M Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBA3102M Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBA3102M Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBA3102M Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
100
V
VDS=80V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1
2
3
V
ID(ON)
18
A
187
TJ=125°C
1
93.0
gFS
15
S
VSD
0.77
1
V
IS
2.5
A
ISM
18
A
Ciss
510
640
770
pF
Coss
28
40
52
pF
Crss
12
20
30
pF
Rg
0.9
1.8
2.7
Ω
Qg(10V)
8
11
13
nC
Qg(4.5V)
4
5.5
7
Qgs
4
5
6
nC
Qgd
0.7
1.2
1.7
nC
tD(on)
7.2
ns
tr
2.2
ns
tD(off)
17
ns
tf
2
ns
trr
14
20
26
ns
Qrr
35
50
65
nC
Body Diode Reverse Recovery Charge IF=2.5A, dI/dt=300A/µs
Pulsed Body-diode Current
C
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=40V, RL=8Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=40V, ID=2.5A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
SWITCHING PARAMETERS
m
Ω
IS=1A,VGS=0V
VDS=5V, ID=2.5A
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
VDS=VGS ID=250µA
VDS=0V, VGS= ±30V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Maximum Body-Diode Continuous Current
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=2.5A
Reverse Transfer Capacitance
IF=2.5A, dI/dt=300A/µs
VGS=0V, VDS=40V, f=1MHz
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation PD is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialTJ=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in
2 FR-4 board with
VBA3102M
www.VBsemi.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com