Electronic Components Datasheet Search
  English  ▼

X  

340 Datasheet(PDF) 1 Page - Littelfuse

Part # 340
Description  Fuseholders - For 3AG Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

340 Datasheet(HTML) 1 Page - Littelfuse

  340 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
476
www .littelfuse .com
Fuseholders
For 3AG Fuses
Watertight Panel Mount Type
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories.
SPECIFICATIONS:
Electrical: Rated at 20 amperes for any voltage up to 250 volts.
Dielectric Strength: 1500 volts minimum.
Mounting: Withstands 15 lb.-in. mounting torque; maximum panel
thickness is .250".
Molded Parts: Black thermoset (UL 94V0).
Knob: Screw type.
Seal: O-ring provides a watertight seal on the front side of the panel
per MIL-PRF-19207.
Terminals: Copper & copper alloy. Tin plated. Solder type.
Ambient Temperature: – 40°C to +85°C.
Hardware: O-rings (2) and hex nut, unassembled.
FUSEHOLDERS TO MIL SPEC: See Military Section.
ORDERING INFORMATION:
Catalog Number: 342 006
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
RF Shielded/Watertight Panel Mount Type
Radio frequency shielded fuseholders eliminate possible transmission or
reception of RF signals through the hole in the chassis in which the fuse-
holder is mounted. These fuseholders comply with the watertight con-
struction requirement of MIL-PRF-19207 and the Shock-Safe require-
ments of IEC 60065 and 60127-6. A rubber O-ring and conductive gas-
ket maintain RF shielding and watertight construction.
SPECIFICATIONS: The basic fuseholder used is the
345 603 Shock-Safe holder.
ORDERING INFORMATION:
Catalog
Brass Shielding
Number
Cap Finish
340 312
Nickel plated
340 313
Dull Black
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
340 300 Series
®
QPL
QPL
2.35" MAX.
.88"
DIA.
.17"
MAX.
CAP
O-RING
R.F.I. GASKET
KEEP CHAIN
1"
MAX.
.460"
.465"
.475"
.480"
.500"
.505"
MOUNTING HOLES
.625"
.635"
.81"
.94"
DIA.
.12" DIA.
HOLES
1.3 "
.81
"
.570"
.575"
MOUNTING HOLE


Similar Part No. - 340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
340 ETC1-340 Datasheet
325Kb / 1P
Multi-level Series
logo
Intel Corporation
340 INTEL-340 Datasheet
1Mb / 82P
Celeron D Processor
logo
List of Unclassifed Man...
340 ETC2-340 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Switchcraft, Inc.
340 SWITCH-340 Datasheet
390Kb / 1P
An extensive range of premium quality, problem solving adapters including 1/4, XLR, RCA, DMX, BNC, 75/110 Ohm, impedance matching transformers, and much more.
logo
Oscilent Corporation
340 OSCILENT-340 Datasheet
141Kb / 3P
Clock Oscillators
More results

Similar Description - 340

ManufacturerPart #DatasheetDescription
logo
Littelfuse
286 LITTELFUSE-286 Datasheet
114Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
342 LITTELFUSE-342 Datasheet
104Kb / 1P
Fuseholders - For 3AG Fuses
344 LITTELFUSE-344 Datasheet
92Kb / 1P
Fuseholders - For 3AG Fuses
155104U LITTELFUSE-155104U Datasheet
85Kb / 1P
Fuseholders - For Low Voltage 3AG or SFE Fuse Applications
571072 LITTELFUSE-571072 Datasheet
138Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
logo
Cooper Bussmann, Inc.
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
GMT COOPER-GMT Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
logo
Littelfuse
03420025Z LITTELFUSE-03420025Z_V01 Datasheet
401Kb / 2P
342 Military Series Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
Revised: GD. 07/31/21
342 LITTELFUSE-342_V01 Datasheet
315Kb / 1P
342 Series Panel Mount Enclosed Fuseholders for 3AG/AB Fuses
Revised: GD. 06/04/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com