Electronic Components Datasheet Search
  English  ▼

X  

74HC595 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74HC595
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC595 Datasheet(HTML) 4 Page - ON Semiconductor

  74HC595 Datasheet HTML 1Page - ON Semiconductor 74HC595 Datasheet HTML 2Page - ON Semiconductor 74HC595 Datasheet HTML 3Page - ON Semiconductor 74HC595 Datasheet HTML 4Page - ON Semiconductor 74HC595 Datasheet HTML 5Page - ON Semiconductor 74HC595 Datasheet HTML 6Page - ON Semiconductor 74HC595 Datasheet HTML 7Page - ON Semiconductor 74HC595 Datasheet HTML 8Page - ON Semiconductor 74HC595 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC74HC595A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Unit
Guaranteed Limit
VCC
V
Parameter
Symbol
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Parameter
Symbol
tTLH,
tTHL
Maximum Output Transition Time, SQH
(Figures 1 and 7)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
—
10
10
10
pF
Cout
Maximum Three–State Output Capacitance (Output in
High–Impedance State), QA – QH
—
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High–Speed CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Package)*
300
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High–Speed CMOS Data Book (DL129/D).
TIMING REQUIREMENTS (Input tr = tf = 6.0 ns)
Guaranteed Limit
Symbol
Parameter
VCC
V
25
_C to
– 55
_C
v 85_C
v 125_C
Unit
tsu
Minimum Setup Time, Serial Data Input A to Shift Clock
(Figure 5)
2.0
3.0
4.5
6.0
50
40
10
9.0
65
50
13
11
75
60
15
13
ns
tsu
Minimum Setup Time, Shift Clock to Latch Clock
(Figure 6)
2.0
3.0
4.5
6.0
75
60
15
13
95
70
19
16
110
80
22
19
ns
th
Minimum Hold Time, Shift Clock to Serial Data Input A
(Figure 5)
2.0
3.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns
trec
Minimum Recovery Time, Reset Inactive to Shift Clock
(Figure 2)
2.0
3.0
4.5
6.0
50
40
10
9.0
65
50
13
11
75
60
15
13
ns
tw
Minimum Pulse Width, Reset
(Figure 2)
2.0
3.0
4.5
6.0
60
45
12
10
75
60
15
13
90
70
18
15
ns
tw
Minimum Pulse Width, Shift Clock
(Figure 1)
2.0
3.0
4.5
6.0
50
40
10
9.0
65
50
13
11
75
60
15
13
ns
tw
Minimum Pulse Width, Latch Clock
(Figure 6)
2.0
3.0
4.5
6.0
50
40
10
9.0
65
50
13
11
75
60
15
13
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com