Electronic Components Datasheet Search
  English  ▼

X  

342 Datasheet(PDF) 1 Page - Littelfuse

Part # 342
Description  Fuseholders - For 3AG Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

342 Datasheet(HTML) 1 Page - Littelfuse

  342 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
474
www .littelfuse .com
Fuseholders
For 3AG Fuses
Traditional Panel Mount Type
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories and Certified by CSA.
SPECIFICATIONS:
Electrical: Rated at 20 amperes for any voltage up to 250 volts.
Dielectric Strength: 2400 volts minimum.
Mounting: Withstands 15 lb.-in. mounting torque;
maximum panel thickness: .187".
Molded Parts: Black thermoplastic (UL 94V0).
Knob: Bayonet style with lettering.
Terminals: Copper & copper alloy. Tin plated, except 1/4" Quick-Connect
terminals are nickel plated.
Ambient Temperature: – 40°C to +85°C.
FUSEHOLDERS TO MIL SPEC:1 See Military Section.
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
342 000 Series
®
®
QPL
ORDERING INFORMATION:
Catalog Number
Fluted
Knurled
Type of
Knob
Knob
Terminal
342 014
342 012
Solder
342 038
342 058
3
/16" Q.C.
342 838
342 858
1
/4" Q.C.
Knurled knob shown. Fluted knob also
available. See table below.
.085" X .12"
HOLE
.78"
1"
.7"
1"
.020"
.78"
1"
.032"
.63"
.14" DIA. HOLE
.502"
.510"
.187"
.475"
.480"
.69"
DIA.
.69"
HEX
FLATS
.250"
.69"
DIA.
TYP.
.56"
.69" DIA.
.59"
DETENT
.06" DIA.HOLE
.45"
FLATS
TYP.
ORDERING INFORMATION:
Catalog Number
Fluted
Knurled
Type of
Knob
Knob
Terminal
342 004
342 022
Solder
342 028
342 048
3
/16" Q.C.
342 828
342 848
1
/4" Q.C.
Fluted knob shown. Knurled knob also
available. See table below.
Right Angle Terminal
342 000 Series
.7"
.11" DIA.
.090" X .12"
HOLE
1.31"
.78"
1"
.3"
.7"
1"
.4"
.020"
.032"
.502"
.510"
.45"
FLATS
TYP.
.69"
HEX
FLATS
.475"
.480"
Straight Bottom Terminal
Pb
RoHS


Similar Part No. - 342

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
342 ETC2-342 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
WECO ELECTRICAL CONNECT...
342 WECO-342 Datasheet
127Kb / 1P
Flat screw terminals Medium-duty version with grooved flat terminals, 6-pole
01.20
logo
Littelfuse
342 LITTELFUSE-342 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
342 LITTELFUSE-342 Datasheet
311Kb / 2P
Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
05/01/24
logo
EDAC, All Rights Reserv...
342-005-500-101 EDAC-342-005-500-101 Datasheet
274Kb / 3P
342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
More results

Similar Description - 342

ManufacturerPart #DatasheetDescription
logo
Littelfuse
286 LITTELFUSE-286 Datasheet
114Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
340 LITTELFUSE-340 Datasheet
53Kb / 1P
Fuseholders - For 3AG Fuses
344 LITTELFUSE-344 Datasheet
92Kb / 1P
Fuseholders - For 3AG Fuses
155104U LITTELFUSE-155104U Datasheet
85Kb / 1P
Fuseholders - For Low Voltage 3AG or SFE Fuse Applications
571072 LITTELFUSE-571072 Datasheet
138Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
logo
Cooper Bussmann, Inc.
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
GMT COOPER-GMT Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
logo
Littelfuse
03420025Z LITTELFUSE-03420025Z_V01 Datasheet
401Kb / 2P
342 Military Series Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
Revised: GD. 07/31/21
342 LITTELFUSE-342_V01 Datasheet
315Kb / 1P
342 Series Panel Mount Enclosed Fuseholders for 3AG/AB Fuses
Revised: GD. 06/04/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com