Electronic Components Datasheet Search
  English  ▼

X  

DS1205S Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1205S
Description  MultiKey Chip
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1205S Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1205S Datasheet HTML 1Page - Dallas Semiconductor DS1205S Datasheet HTML 2Page - Dallas Semiconductor DS1205S Datasheet HTML 3Page - Dallas Semiconductor DS1205S Datasheet HTML 4Page - Dallas Semiconductor DS1205S Datasheet HTML 5Page - Dallas Semiconductor DS1205S Datasheet HTML 6Page - Dallas Semiconductor DS1205S Datasheet HTML 7Page - Dallas Semiconductor DS1205S Datasheet HTML 8Page - Dallas Semiconductor DS1205S Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS1205S
021798 3/17
COMMAND WORD STRUCTURE Figure 2
(KK)
MSB
LSB
(AAAAAA)
FFFFFFFF
(KK)C(AAAAAA)C
(KK) =
Two-bit number specifying which partition is to be accessed. 00 specifies subkey 0. 01 specifies
subkey 1. 10 specifies subkey 2. 11 specifies the scratchpad.
(KK)C =
Complement of (KK) on a bit-by-bit basis. If the numbers are not complements the command
word is invalid and no action will be taken.
(AAAAAA) =
Address field containing address bits that define the starting byte address of the partition to be
accessed.
(AAAAAA)C =
Complement of (AAAAAA) on a bit-by-bit basis. If the numbers are not complements the com-
mand word is invalid and no action will be taken.
FFFFFFFF =
Function code field. Specifies the action to be taken.
LOCATIONS, AND FUNCTION CODES FOR EACH COMMAND WORD Figure 3
COMMAND
VALID PARTITION
CODE KK
VALID BYTE
ADDRESS AAAAAA
VALID FUNCTION
CODE FFFF FFFF
Set Scratchpad
11
0 - 63
1001 0110
Get Scratchpad
11
0 - 63
0110 1001
Set Secure Data
00, 01, 10
16 - 63
1001 1001
Get Secure Data
00, 01, 10
16 - 63
0110 0110
Set Security Match
00, 01, 10
000000
0101 1010
Move Block
00, 01, 10
000000
0011 1100
SECURE PARTITION COMMANDS
Each of the three secure partitions within the DS1205S
MultiKey is comprised of a 64-bit I.D. field, a 64-bit secu-
rity match code and a 384-bit secure data field (Figure
4). The three commands that operate on the secure
partitions are:
1) Set Security Match
2) Set Secure Data
3) Get Secure Data
As a guard against attackers, the security match code
can never be read. Similarly, tampering through repro-
gramming will immediately clear the entire secure parti-
tion.
SECURE PARTITION ORGANIZATION Figure 4
ID FIELD
SECURITY MATCH FIELD
SECURE DATA FIELD
64 BITS
384 BITS
64 BITS
07
8
15
16
63
BYTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com