Electronic Components Datasheet Search
  English  ▼

X  

SSP02EMA24SD Datasheet(PDF) 1 Page - Schneider Electric

Part # SSP02EMA24SD
Description  Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T4X - SW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSP02EMA24SD Datasheet(HTML) 1 Page - Schneider Electric

  SSP02EMA24SD Datasheet HTML 1Page - Schneider Electric SSP02EMA24SD Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
SSP02EMA24SD
Surge Protect - EMA - 240kA - 208Y/120VAC -
3P4W - T4X - SW
Product availability : Stock - Normally stocked in distribution facility
Price** : 8,946.00 USD
Main
Product
Surge protection device
Range
Surgelogic
Device Short Name
EMA
Complementary
Surge Current
240 kA
Voltage Rating
208Y/120 V AC
Number of Phases
3 phase
Wiring Configuration
4-wire
Connection
Lugs AWG 10...AWG 3/0 copper 35.40 lbf.in (4 N.m)
MCOV
150 V
Nominal Discharge Current
20 kA
Max Number of Poles
3
Rated Current
150 A
SCCR
200 kA
Local Signalling
Status LED green per phase normal operation
Status LED red per phase fault
Provided Equipment
Alarm enable/disable switch
Surge counter
Switch-disconnector with integrated switch for off/on/automatic
Dry contacts
Device Mounting
Surface
Height
22.44 in (570 mm)
Width
11.02 in (280 mm)
Depth
9.06 in (230 mm)
Apr 10, 2020
1


Similar Part No. - SSP02EMA24SD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP02EMA24SDF SCHNEIDER-SSP02EMA24SDF Datasheet
118Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T4X - SW - sine mod
Apr 10, 2020
More results

Similar Description - SSP02EMA24SD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP02EMA24 SCHNEIDER-SSP02EMA24 Datasheet
109Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T1
SSP02EMA24D SCHNEIDER-SSP02EMA24D Datasheet
102Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T1 - SW
SSP02EMA12SD SCHNEIDER-SSP02EMA12SD Datasheet
118Kb / 2P
Surge Protect - EMA - 120kA - 208Y/120VAC - 3P4W - T4X - SW
SSP02EMA16SD SCHNEIDER-SSP02EMA16SD Datasheet
118Kb / 2P
Surge Protect - EMA - 160kA - 208Y/120VAC - 3P4W - T4X - SW
Apr 10, 2020
SSP02EMA24S SCHNEIDER-SSP02EMA24S Datasheet
105Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T4X
Apr 10, 2020
SSP02EMA24SDF SCHNEIDER-SSP02EMA24SDF Datasheet
118Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T4X - SW - sine mod
Apr 10, 2020
SSP02EMA24SF SCHNEIDER-SSP02EMA24SF Datasheet
118Kb / 2P
Surge Protect - EMA - 240kA - 208Y/120VAC - 3P4W - T4X - sine mod
Apr 10, 2020
SSP02EMA32SD SCHNEIDER-SSP02EMA32SD Datasheet
118Kb / 2P
Surge Protect - EMA - 320kA - 208Y/120VAC - 3P4W - T4X - SW
Apr 10, 2020
SSP02EMA48SD SCHNEIDER-SSP02EMA48SD Datasheet
118Kb / 2P
Surge Protect - EMA - 480kA - 208Y/120VAC - 3P4W - T4X - SW
Apr 10, 2020
SSP03EMA24SD SCHNEIDER-SSP03EMA24SD Datasheet
118Kb / 2P
Surge Protect - EMA - 240kA - 240/120VAC delta - 3P4W - T4X - SW
Apr 10, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com