Electronic Components Datasheet Search
  English  ▼

X  

ES1PB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ES1PB
Description  High Current Density Surface Mount Ultrafast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES1PB Datasheet(HTML) 2 Page - Vishay Siliconix

  ES1PB Datasheet HTML 1Page - Vishay Siliconix ES1PB Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 50 HZ
0
1.2
80
90
100
110
120
130
140
150
Fig. 1 – Maximum Forward Current
Derating Curve
Lead Temperature (
°C)
0.4
0.6
0.8
1.2
1.4
Instantaneous Forward Voltage (V)
Fig. 3 – Typical Instantaneous
Forward Characteristics
0.01
1
10
100
Fig. 4 – Typical Reverse Leakage
Characteristics
Percent of Rated Peak Reverse Voltage (%)
0.8
1.0
0.2
0.4
0.6
20
40
60
80
100
0.1
1
10
100
0.1
10
1
100
Reverse Voltage (V)
1
10
100
Fig. 5 – Typical Junction Capacitance
t, Pulse Duration (sec.)
Fig. 6 – Typical Transient Thermal
Impedance
1
10
100
10
20
30
0
0.1
1
10
100
1
100
0.1
1000
10
30
50
70
90
0.01
05
15
25
1.0
0.01
0.2
10000
1000
10
TL measured
at the cathode band terminal
TJ = 150
°C
TJ = 25
°C
TJ = 125
°C
TJ = 25
°C
TJ = 125
°C
TJ = 150
°C
ES1PA thru ES1PD
Vishay Semiconductors
formerly General Semiconductor
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
www.vishay.com
Document Number 88918
2
23-Sep-04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com