Electronic Components Datasheet Search
  English  ▼

X  

LMP7701 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7701
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7701 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP7701 Datasheet HTML 1Page - National Semiconductor (TI) LMP7701 Datasheet HTML 2Page - National Semiconductor (TI) LMP7701 Datasheet HTML 3Page - National Semiconductor (TI) LMP7701 Datasheet HTML 4Page - National Semiconductor (TI) LMP7701 Datasheet HTML 5Page - National Semiconductor (TI) LMP7701 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LMP7701
Precision, CMOS Input, RRIO, Wide Supply Range
Amplifier
General Description
The LMP7701 is a single, low offset voltage, rail-to-rail input
and output precision amplifier with a CMOS input stage and
a wide supply voltage range. The LMP7701 is part of the
LMP™ precision amplifier family and is ideal for sensor
interface and other instrumentation applications.
The guaranteed low offset voltage of less than ±200 µV
along with the guaranteed low input bias current of less than
±10 pA make the LMP7701 ideal for precision applications.
The LMP7701 is built utilizing VIP50 technology, which al-
lows the combination of a CMOS input stage and a 12V
common mode and supply voltage range. This makes the
LMP7701 a great choice in many applications where con-
ventional CMOS parts cannot operate under the desired
voltage conditions.
The LMP7701 has a rail-to-rail input stage that significantly
reduces the CMRR glitch commonly associated with rail-to-
rail input amplifiers. This is achieved by trimming both sides
of the complimentary input stage, thereby reducing the dif-
ference between the NMOS and PMOS offsets. The output
of the LMP7701 swings within 40 mV of either rail to maxi-
mize the signal dynamic range in applications requiring low
supply voltage.
The LMP7701 is offered in space saving SOT23-5. This
small package is an ideal solution for area constrained PC
boards and portable electronics.
Features
Unless otherwise noted, typical values at V
S =5V
n
Input offset voltage
±200 µV (max)
n
Input bias current
300 fA
n
Input voltage noise
12 nV/
n
CMRR
100 dB
n
Open loop gain
130 dB
n
Temperature range
–40˚C to 125˚C
n
Unity gain bandwidth
2.5 MHz
n
Supply current
715 µA
n
Supply Voltage Range
2.7V to 12V
n
Rail-to-rail input and output
Applications
n
High impedance sensor interface
n
Battery powered instrumentation
n
High gain amplifiers
n
DAC buffer
n
Instrumentation amplifier
n
Active filters
Typical Application
20127305
Precision Current Source
LMP™ is a trademark of National Semiconductor Corporation.
PRELIMINARY
September 2005
© 2005 National Semiconductor Corporation
DS201273
www.national.com


Similar Part No. - LMP7701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7701 TI-LMP7701 Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7701MA TI-LMP7701MA Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7701MA TI-LMP7701MA Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7701MA TI1-LMP7701MA Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
More results

Similar Description - LMP7701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
SM72501 TI1-SM72501 Datasheet
1Mb / 28P
SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com