Electronic Components Datasheet Search
  English  ▼

X  

356 Datasheet(PDF) 1 Page - Littelfuse

Part # 356
Description  MINIATURE FUSES - 6.3x32 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

356 Datasheet(HTML) 1 Page - Littelfuse

  356 Datasheet HTML 1Page - Littelfuse 356 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
050913
400 mA
0400
440 V
1200
1.5
0.16
500 mA
0500
440 V
1100
1.6
0.53
630 mA
0630
440 V
800
1.7
2.0
800 mA
0800
440 V
700
1.7
3.1
1.00 A
1100
440 V
500
1.8
4.4
•
1.25 A
1125
440 V
350
1.8
3.1
•
1.60 A
1160
440 V
320
1.8
8.3
•
2.00 A
1200
440 V
270
2.0
9.2
•
2.50 A
1250
440 V
250
2.3
22
•
3.15 A
1315
440 V
230
2.4
36
•
4.00 A
1400
440 V
200
2.6
62
•
5.00 A
1500
440 V
180
3.0
91
•
6.30 A
1630
440 V
150
3.2
130
•
8.00 A
1800
440 V
140
3.8
240
•
10.00 A
2100
440 V
120
4.0
510
•
1000A / 440VAC
50-60Hz
cos ϕ = 1.0
∅ 6,3
32
1
1
1
1
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 100
100
100
100
100% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
002: Pack (100 pcs.)
Materials
Materials
Materials
Materials
Materials
Tube:
Ceramic
End Caps:
Nickel-plated brass
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25ºC to +70ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-25ºC/+70ºC/21 days (EN 60068-1..3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days-95%
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Marking
Marking
Marking
Marking
Marking
, T, Current Rating, 440V, Approvals
Unit W
Unit W
Unit W
Unit W
Unit Weight
eight
eight
eight
eight
3.0g (approx.)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
356
Special T
Special T
Special T
Special T
Special Type, 440 V
ype, 440 V
ype, 440 V
ype, 440 V
ype, 440 V, T
, T
, T
, T
, T
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Time Lag (T)
Standard
Standard
Standard
Standard
Standard
None
Approvals
Approvals
Approvals
Approvals
Approvals
cULus Recognized: File No. E 67006
Features
Features
Features
Features
Features
For high voltage applications
Surge tolerant
High breaking capacity
Agency approved
Pluggable into clips or shocksafe holders
6.3x32 mm / No. 356
356
356
356
356
Leadfree
Leadfree
Leadfree
Leadfree
Leadfree
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Rated Current
1.5 x I
N
2.5 x I
N
4 x I
N
10 x I
N
400 mA ... 10.00 A
> 1 h
< 15 min
150 ms ... 2 s
10 ms ... 300 ms
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.5 x I
N
10 x I
N
max. (mV)
max. (W)
min. (A2s)
1 Depending on the application and mounting, the fuse heating at max. ambient temperature in a closed fuseholder should be considered.
Specifications are subject
to change without notice


Similar Part No. - 356

ManufacturerPart #DatasheetDescription
logo
3M Electronics
356 3M-356 Datasheet
1Mb / 4P
3M™ Power Clamp Header
20-Dec-2009
logo
Intel Corporation
356 INTEL-356 Datasheet
2Mb / 95P
Celeron D Processor
logo
SYC Electronica
356 SYC-356 Datasheet
461Kb / 4P
JFET-Input Operational Amplifiers Low Supply Current(LF155) High Speed(LF156)
logo
Littelfuse
356 LITTELFUSE-356 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
356 ADAFRUIT-356 Datasheet
76Kb / 1P
Breadboard trim potentiometer - 10K
More results

Similar Description - 356

ManufacturerPart #DatasheetDescription
logo
Littelfuse
181 LITTELFUSE-181 Datasheet
88Kb / 2P
MINIATURE FUSES - 5x20 mm
194 LITTELFUSE-194 Datasheet
88Kb / 2P
MINIATURE FUSES - 5x20 mm
230 LITTELFUSE-230 Datasheet
60Kb / 2P
MINIATURE FUSES - 5x20 mm
231 LITTELFUSE-231 Datasheet
70Kb / 2P
MINIATURE FUSES - 6.3x32 mm
311 LITTELFUSE-311 Datasheet
100Kb / 2P
MINIATURE FUSES - 5x20 mm
801 LITTELFUSE-801 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
230 LITTELFUSE-230_1 Datasheet
60Kb / 2P
5x20 mm MINIATURE FUSES
231 LITTELFUSE-231_1 Datasheet
70Kb / 2P
6.3x32 mm MINIATURE FUSES
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com