Electronic Components Datasheet Search
  English  ▼

X  

358 Datasheet(PDF) 1 Page - Littelfuse

Part # 358
Description  MINIATURE FUSES - 6.3x32mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

358 Datasheet(HTML) 1 Page - Littelfuse

  358 Datasheet HTML 1Page - Littelfuse 358 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
050913
3.15 A
1315
500 V
220
2.3
18
p
4.00 A
1400
500 V
200
2.6
41
•
5.00 A
1500
500 V
180
3.0
62
•
6.30 A
1630
500 V
150
3.2
123
•
8.00 A
1800
500 V
140
3.8
250
•
10.00 A
2100
500 V
120
4.0
500
•
1500 A / 500 V AC
50-60 Hz
cos ϕ = 1.0
∅ 6,3
32
1
1
1
1
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 100
100
100
100
100 % at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
002: Pack (100 pcs.)
Materials
Materials
Materials
Materials
Materials
Tube:
Ceramic
End Caps:
Nickel-plated brass
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25 ºC to +70 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-25 ºC/+70 ºC/21 days
(EN 60068-1,-2-1,-2-2,-2-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Marking
Marking
Marking
Marking
Marking
, T, Current Rating, 500V, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
3.0 g (approx.)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
358
Special T
Special T
Special T
Special T
Special Type, 500 V
ype, 500 V
ype, 500 V
ype, 500 V
ype, 500 V, T
, T
, T
, T
, T
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Time Lag (T)
Standard
Standard
Standard
Standard
Standard
None
Features
Features
Features
Features
Features
For high voltage applications
Surge tolerant
High breaking capacity
Pluggable into clips or shocksafe holders
6.3x32mm / No. 358
358
358
358
358
Leadfree
Leadfree
Leadfree
Leadfree
Leadfree
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Rated Current
1.5 x I
N
2.5 x I
N
4 x I
N
10 x I
N
3.15 A ... 10.00 A
> 1 h
< 15 min
150 ms ... 2 s 10 ms ... 300 ms
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.5 x I
N
10 x I
N
max. (mV)
max. (W)
min. (A2s)
1Depending on the application and mounting, the fuse heating at max. ambient temperature in a closed fuseholder should be considered.
p=pending
Specifications are subject
to change without notice
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.


Similar Part No. - 358

ManufacturerPart #DatasheetDescription
logo
3M Electronics
358 3M-358 Datasheet
1Mb / 4P
3M™ Power Clamp Wiremount Plug
20-Dec-2009
logo
Keystone Electronics Co...
358 KEYSTONE-358 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
3M Electronics
358-9-5252-1 3M-358-9-5252-1 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Vishay Siliconix
3580 VISHAY-3580 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
Pomona Electronics
3580 POMONA-3580 Datasheet
24Kb / 1P
Triaxial (F) Bulkhead Receptacle
More results

Similar Description - 358

ManufacturerPart #DatasheetDescription
logo
Littelfuse
800 LITTELFUSE-800 Datasheet
78Kb / 1P
Panel Mount, Shocksafe 6.3x32mm Fuses
810 LITTELFUSE-810 Datasheet
83Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
811 LITTELFUSE-811 Datasheet
81Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
813 LITTELFUSE-813 Datasheet
83Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
860 LITTELFUSE-860 Datasheet
82Kb / 1P
Panel Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
862 LITTELFUSE-862 Datasheet
82Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
8000000010 LITTELFUSE-8000000010 Datasheet
47Kb / 1P
Panel Mount, Shocksafe 6.3x32mm Fuses
800-01 LITTELFUSE-800-01 Datasheet
78Kb / 1P
Panel Mount, Shocksafe 6.3x32mm Fuses
logo
CamdenBoss Ltd.
CFB06333CF CAMDENBOSS-CFB06333CF Datasheet
924Kb / 1P
6.3x32mm ceramic fuses
CFB06333CT CAMDENBOSS-CFB06333CT Datasheet
924Kb / 1P
6.3x32mm ceramic fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com