Electronic Components Datasheet Search
  English  ▼

X  

370 Datasheet(PDF) 1 Page - Littelfuse

Part # 370
Description  SUBMINIATURE FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

370 Datasheet(HTML) 1 Page - Littelfuse

  370 Datasheet HTML 1Page - Littelfuse 370 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050125
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
∅ 8,5
∅ 0,6
5,08
40mA
0040
250V
900
100
0.0002
•
50mA
0050
250V
320
80
0.00035
•
•
•
•
63mA
0063
250V
350
100
0.0005
•
•
•
•
80mA
0080
250V
370
120
0.0014
•
•
•
•
100mA
0100
250V
600
130
0.0038
•
•
•
•
125mA
0125
250V
550
172
0.0066
•
•
•
•
160mA
0160
250V
500
165
0.014
•
•
•
•
200mA
0200
250V
465
190
0.03
•
•
•
•
250mA
0250
250V
400
250
0.051
•
•
•
•
315mA
0315
250V
380
250
0.1
•
•
•
•
400mA
0400
250V
120
135
0.025
•
•
•
•
500mA
0500
250V
120
155
0.042
•
•
•
•
630mA
0630
250V
115
200
0.076
•
•
•
•
800mA
0800
250V
120
310
0.12
•
•
•
•
1.00A
1100
250V
110
310
0.2
•
•
•
•
•
1.25A
1125
250V
100
360
0.31
•
•
•
•
•
1.60A
1160
250V
100
600
0.53
•
•
•
•
•
2.00A
1200
250V
85
500
0.98
•
•
•
•
•
2.50A
1250
250V
80
660
1.8
•
•
•
•
•
3.15A
1315
250V
90
950
3.1
•
•
•
•
•
4.00A
1400
250V
80
920
6.7
•
•
•
•
•
5.00A
1500
250V
80
1000
12.00
•
•
•
•
6.30A*
1630
250V
70
1200
24.00
G
•
•
•
35A/250VAC 1
50-60Hz
cosϕ=1.0
40 A / 250 V AC
VDE
50 A / 250 V AC
SSSSSUBMINIA
UBMINIA
UBMINIA
UBMINIA
UBMINIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Long Leads (L=18.8mm)
Short Leads (L=4.3mm)
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 100
100
100
100
100 % at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
1 Per UL, approved breaking capacity is 50 A at 250 V.
* Conducting path min. 0.2 mm2
Holes in PCB
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Tape/Ammopack (1000 pcs.)
041: Short Leads - Bulk (1000 pcs.)
Materials
Materials
Materials
Materials
Materials
Base/Cap:
Brown Thermoplastic
Polyamide PA 6.6, UL 94 V0
Round Pins: Copper, Sn plated
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40 ºC to +85 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-40 ºC/+85 ºC/21 days
(IEC 60068-1,-2-1,-2-2,-2-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
10 N (EN 60068-2-21)
Solderability
Solderability
Solderability
Solderability
Solderability
260 ºC, ≤ 3 s (Wave)
350 ºC, ≤ 3 s (Soldering iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 ºC, 10 s (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, 370, 250 V, F, Current Rating, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.77 g (approx.)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
370
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.5 x I
N
10 x I
N
max. (mV)
max. (mW)
max. (A2s)
IEC 60127-3/III, 250 V
IEC 60127-3/III, 250 V
IEC 60127-3/III, 250 V
IEC 60127-3/III, 250 V
IEC 60127-3/III, 250 V, F
, F
, F
, F
, F
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Quick Acting (F)
Standard
Standard
Standard
Standard
Standard
IEC 60127-3/III
Approvals
Approvals
Approvals
Approvals
Approvals
VDE
SEMKO
cULus Recognized
METI
CCC
Features
Features
Features
Features
Features
Reduced PCB space requirements
Direct solderable or plug-in versions
Internationally approved
Low internal resistance
Shocksafe casing
Vibration resistant
Halogen free
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further infos see:
Further infos see:
Further infos see:
Further infos see:
Further infos see:
www.wickmanngroup.com
Further application infos see
Further application infos see
Further application infos see
Further application infos see
Further application infos see
Fuseology:
Fuseology:
Fuseology:
Fuseology:
Fuseology:
www.wickmanngroup.com/download/
fuseology.pdf
Rated Current
1.5 x I
N
2.1 x I
N
2.75 x I
N
4 x I
N
10 x I
N
40 mA ... 6.30 A
> 1h
< 30 min
10 ms ... 3 s 3 ms ... 300 ms <20 ms
No.
No.
No.
No.
No. 370 /
370 /
370 /
370 /
370 / TR5
TR5
TR5
TR5
TR5®®®®®
Specifications are subject
to change without notice
G = Expert Report


Similar Part No. - 370

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
370 INTEL-370 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
logo
List of Unclassifed Man...
370 ETC2-370 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
logo
Advanced Energy Industr...
370 ADVANCEDENERGY-370 Datasheet
132Kb / 4P
TREK 370
logo
Littelfuse
370 LITTELFUSE-370 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Keystone Electronics Co...
370 KEYSTONE-370 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 370

ManufacturerPart #DatasheetDescription
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
Subminiature Fuses
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
Subminiature Fuses
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
Subminiature Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com