Electronic Components Datasheet Search
  English  ▼

X  

396 Datasheet(PDF) 1 Page - Littelfuse

Part # 396
Description  SUBMINIATURE FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

396 Datasheet(HTML) 1 Page - Littelfuse

  396 Datasheet HTML 1Page - Littelfuse 396 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050118
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
8,5
∅ 0,6
5,08
1,5
max.4
50mA
0050
125V
900
45
0.0056
•
•
•
63mA
0063
125V
800
50
0.009
•
•
•
80mA
0080
125V
700
55
0.014
•
•
•
100mA
0100
125V
600
60
0.025
•
•
•
125mA
0125
125V
550
70
0.044
•
•
•
160mA
0160
125V
480
80
0.058
•
•
•
200mA
0200
125V
390
80
0.1
•
•
•
250mA
0250
125V
350
90
0.17
•
•
•
315mA
0315
125V
300
95
0.26
•
•
•
400mA
0400
125V
250
100
0.32
•
•
•
500mA
0500
125V
220
110
0.58
•
•
•
630mA
0630
125V
210
135
0.75
•
•
•
800mA
0800
125V
160
130
0.98
•
•
•
1.00A
1100
125V
155
155
2.2
•
•
•
•
1.25A
1125
125V
145
185
3.8
•
•
•
•
1.60A
1160
125V
130
210
5.2
•
•
•
•
2.00A
1200
125V
125
250
7.5
•
•
•
•
2.50A
1250
125V
120
300
14
•
•
•
•
3.15A
1315
125V
110
350
22
•
•
•
•
4.00A
1400
125V
110
400
27
•
•
•
•
5.00A
1500
125V
95
475
59
•
•
•
•
6.30A
1630
125V
95
570
100
•
•
•
100A / 125 V AC
50-60 Hz
cos ϕ = 1.0
1
1
1
SSSSSUBMINIA
UBMINIA
UBMINIA
UBMINIA
UBMINIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Long Leads (L=18.8 mm)
Short Leads (L=4.3 mm)
Holes in PCB
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
396
UL 248-14, 125 V
UL 248-14, 125 V
UL 248-14, 125 V
UL 248-14, 125 V
UL 248-14, 125 V, T
, T
, T
, T
, T
Leadfree
Leadfree
Leadfree
Leadfree
Leadfree
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Time Lag (T)
Standard
Standard
Standard
Standard
Standard
UL 248-14
CSA C22.2 No. 248.14
Approvals
Approvals
Approvals
Approvals
Approvals
UL Listed
cUL Listed
METI-PSE
CCCe for China Import
Features
Features
Features
Features
Features
Leadfree
Reduced PCB space requirements
Direct solderable or plug-in versions
Internationally approved
Low internal resistance
Shocksafe casing
Vibration resistant
halogen free
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further infos see:
Further infos see:
Further infos see:
Further infos see:
Further infos see:
www.wickmanngroup.com
Further application infos see
Further application infos see
Further application infos see
Further application infos see
Further application infos see
Fuseology:
Fuseology:
Fuseology:
Fuseology:
Fuseology:
www.wickmanngroup.com/download/
fuseology.pdf
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Tape/Ammopack (1400 pcs.)
044: Short Leads - Bulk (1400 pcs.)
Materials
Materials
Materials
Materials
Materials
Base/Cap:
Brown Thermoplastic
Polyamide PA 6.6, UL 94V0
Round Pins: Copper, Sn plated
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40 ºC to +85 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-40 ºC/+85 ºC/21 days
(EN 60068-1,-2-1,-2-2,-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days - 95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (IEC 60068-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
10 N (IEC 60068-2-21)
Solderability
Solderability
Solderability
Solderability
Solderability
260 ºC, ≤ 3 s (Wave)
350 ºC, ≤ 3 s (Soldering Iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 ºC, 10 s (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, T, Current Rating, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.60 g (approx.)
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 70
70
70
70
70 % at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.0 x I
N
10 x I
N
max. (mV)
max. (mW)
min. (A2s)
Rated Current
2.0 x I
N
50 mA ... 6.30 A
< 60 s
No.
No.
No.
No.
No. 396 /
396 /
396 /
396 /
396 / TE5
TE5
TE5
TE5
TE5®®®®®
Specifications are subject
to change without notice


Similar Part No. - 396

ManufacturerPart #DatasheetDescription
logo
Energizer
396 ENERGIZER-396 Datasheet
534Kb / 1P
Silver Oxide Batteries
logo
EDAC, All Rights Reserv...
396 EDAC-396 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
logo
PANAVISE PRODUCTS, INC.
396 PANAVISE-396 Datasheet
1Mb / 8P
Precision Vise Combinations
logo
Littelfuse
396 LITTELFUSE-396 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
396 ADAFRUIT-396 Datasheet
200Kb / 2P
Precision screw removal pliers PZ 57
2-6-24
More results

Similar Description - 396

ManufacturerPart #DatasheetDescription
logo
Littelfuse
370 LITTELFUSE-370 Datasheet
91Kb / 2P
SUBMINIATURE FUSES
374 LITTELFUSE-374 Datasheet
93Kb / 2P
SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
Subminiature Fuses
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
Subminiature Fuses
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
Subminiature Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com