Electronic Components Datasheet Search
  English  ▼

X  

424 Datasheet(PDF) 1 Page - Littelfuse

Part # 424
Description  SURFACE MOUNT FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

424 Datasheet(HTML) 1 Page - Littelfuse

  424 Datasheet HTML 1Page - Littelfuse 424 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050912
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
62mA
0062
125V
1600
85
0.00014
0.000095
•
125mA
0125
125V
1300
120
0.00085
0.00067
•
250mA
0250
125V
950
150
0.0065
0.0052
•
500mA
0500
125V
360
200
0.093
0.074
•
750mA
0750
125V
350
300
0.25
0.20
•
1.00A
1100
125V
210
230
0.50
0.42
•
1.50A
1150
125V
250
500
1.10
0.95
•
2.00A
1200
125V
180
400
1.10
0.90
•
2.50A
1250
125V
220
550
1.20
0.95
•
3.00A
1300
125V
160
600
2.00
1.70
•
4.00A
1400
125V
140
670
4.30
3.42
•
5.00A
1500
125V
130
750
7.50
6.80
•
7.00A
1700
125V
130
1200
13.60
11.60
•
50A/125VAC/DC
50-60Hz
cosϕ=1.0
35A/125VAC
100A / 125VDC
50-60Hz
cos ϕ = 1.0
5
10
4,24+0,05
2,13+0,05
4,24+0,05
*)
*)
*)
*)
*)
SSSSSURFACE
URFACE
URFACE
URFACE
URFACE
M
M
M
M
MOUNT
OUNT
OUNT
OUNT
OUNT
FFFFFUSES
USES
USES
USES
USES
No.
No.
No.
No.
No. 424 /
424 /
424 /
424 /
424 / X-SMQ
X-SMQ
X-SMQ
X-SMQ
X-SMQ
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
424
Pad Layout
Pad Layout
Pad Layout
Pad Layout
Pad Layout
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 777770% at ambient temperature of 23ºC (73.4ºF).
0% at ambient temperature of 23ºC (73.4ºF).
0% at ambient temperature of 23ºC (73.4ºF).
0% at ambient temperature of 23ºC (73.4ºF).
0% at ambient temperature of 23ºC (73.4ºF).
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
010: Blister tape 38 cm reel (1500 pcs.)
tape width 16 mm
Materials of the Holder
Materials of the Holder
Materials of the Holder
Materials of the Holder
Materials of the Holder
Housing:
Holder plastics UL94 V-O
Terminals: Copper alloy, Ni+Sn plated,
lead free
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-55ºC to +125ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-55ºC/+125ºC/21 days (IEC 60068-2-1...3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days-95%
VVVVVibration Resistance
ibration Resistance
ibration Resistance
ibration Resistance
ibration Resistance
24 cycles at 15 min. each (IEC 60068-2-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Solderability
Solderability
Solderability
Solderability
Solderability
235ºC, 3 sec. (IEC 60068-2-58)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 10 sec. (IEC 60068-2-58)
280°C, 5 sec.
Minimum Cross Section, Copper
Minimum Cross Section, Copper
Minimum Cross Section, Copper
Minimum Cross Section, Copper
Minimum Cross Section, Copper
Conducting path - 0.1mm2
Thickness - 0.035mm
Mounting
Mounting
Mounting
Mounting
Mounting
Avoid circuit traces below the fuse
Marking on fuse
Marking on fuse
Marking on fuse
Marking on fuse
Marking on fuse
F, Current Rating
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.4g (approx.)
UL 248-14, 125V
UL 248-14, 125V
UL 248-14, 125V
UL 248-14, 125V
UL 248-14, 125V, F
, F
, F
, F
, F
Holder with mounted fuse No. 419
Holder with mounted fuse No. 419
Holder with mounted fuse No. 419
Holder with mounted fuse No. 419
Holder with mounted fuse No. 419
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Quick acting (F)
Standard
Standard
Standard
Standard
Standard
UL 248-14
CSA C22.2 No. 248.14
Approvals
Approvals
Approvals
Approvals
Approvals
cULus Recognized
Features
Features
Features
Features
Features
Easy exchange of the fuse
For line or low voltage applications
Low voltage drop
Internationally approved
High pulse resistance
For reflow soldering
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further info see:
Further info see:
Further info see:
Further info see:
Further info see:
www.wickmanngroup.com
Further application info see Fuseology:
Further application info see Fuseology:
Further application info see Fuseology:
Further application info see Fuseology:
Further application info see Fuseology:
www.wickmann.com/download/fuseology.pdf
Specifications are subject
to change without notice
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation
Melting Integral
Approbationen
Current
code
Rating
Capacity
1.0 x I
N
1.0 x I
N
10 x I
N
typ. (mV)
typ. (mW)
min. (A2s) typ.
Rated Current
2.0 x I
N
62mA ... 7.00A
< 5s
*) Please note: The holder no. 424 is lead-free, but not the inserted fuse no. 419
This product is not recommended
for new designs. Please refer to
Littelfuse No. 154.


Similar Part No. - 424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
424 ETC1-424 Datasheet
419Kb / 12P
32-Pin DIP 4-Pole Filters
logo
Bi technologies
424 BITECH-424 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
TT Electronics.
424 TTELEC-424 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
logo
Adafruit Industries
424 ADAFRUIT-424 Datasheet
152Kb / 2P
Precision screwdriver set (6 pieces)
2-6-24
logo
Permco, Inc.
424 PERMCO-424 Datasheet
1Mb / 2P
PUMPS AND MOTORS
More results

Similar Description - 424

ManufacturerPart #DatasheetDescription
logo
Littelfuse
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
0459 LITTELFUSE-0459 Datasheet
77Kb / 1P
Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
Surface Mount Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com