Electronic Components Datasheet Search
  English  ▼

X  

429 Datasheet(PDF) 1 Page - Littelfuse

Part # 429
Description  Surface Mount Fuses - Thin-Film Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

429 Datasheet(HTML) 1 Page - Littelfuse

  429 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thin-Film Surface Mount
367
Surface Mount Fuses
High Current 1206 Very Fast-Acting Fuse 429 Series
www .littelfuse .com
Nominal
Nominal
Catalog
Ampere
Marking
Voltage
Resistance
Melting I
2t
Number
Rating
Code
Rating
Cold Ohms
1
(A
2 Sec.)2
429.125
0.125
FB
125
2.30000
0.00020
429.200
0.200
FC
125
0.93800
0.00055
429.250
0.250
FD
125
0.62500
0.00100
429.375
0.375
FE
125
0.37500
0.00280
429.500
0.500
FF
63
0.24050
0.0060
429.750
0.75
FG
63
0.13700
0.0170
429 001
1.00
FH
63
0.09950
0.035
429 007
7.0
FU
24
0.00925
3.60
429 007L
7.0
7
24
0.00925
3.60
1
Measured at 10% of rated current, 25°C.
2
Measured at rated voltage.
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
Average Time Current Curves
REFLOW SOLDER
RECOMMENDED PAD LAYOUTS
3.81
(.150")
1.52
(.060")
2.03
(.080")
.635
(.025")
1.14
(.045")
2.49 (.098")
REF.
1.52
(.060")
3.18
(.125")
1.14
(.045")
1.12
(.044")
REF.
®
®
For Low-Current Designs Use 433 or 466 Series.
RoHS
Pb
PATENTED
• RoHS compliant and Lead-Free 7A device available-add ‘L’ suffix
to catalog number
• For new designs up to 5A please consult the 433 or 466 Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time at 25°C
100%
4 hours, Minimum
200%
5 seconds, Maximum
300%
0.2 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
7A
35 amperes at rated voltage, VAC/VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: – 55°C to 90°C. Consult temperature rerating
chart on page 4. For operation above 90°C contact Littelfuse.
Vibration: Withstands 10– 55 Hz per MIL-STD-202F,
Method 201A and 10-2000 Hz at 20 G’s per MIL-STD-202F, Method 204D,
Condition D.
Insulation Resistance (After Opening): Greater than 10 KOhm.
Resistance to Soldering Heat: Withstands 60 seconds above 200°C
up to 260°C, maximum.
Thermal Shock: Withstands 5 cycles of – 55° to 125°C.
PHYSICAL SPECIFICATIONS:
Materials: Body: Epoxy Substrate
Terminations:
Standard Device: Copper/Nickel/Tin-Lead (95/5)
RoHs Compliant Device: 100% Copper/Nickel/Tin
Cover Coat: Conformal Coating
Soldering Parameters:
Reflow Solder — 260°C, 30 seconds maximum
PACKAGING SPECIFICATIONS: 8mm Tape and Reel per
EIA-RS481-1 (IEC 286, part 3); 3,000 per reel, add packaging suffix, WRM.
Options: For RoHS Compliant and lead-free devices add the letter ‘L’ to
end of packaging suffix. Example: 0429007.WRML (RoHS Compliant 7A,
3,000 per reel).
ORDERING INFORMATION:
10


Similar Part No. - 429

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
429 ETC1-429 Datasheet
60Kb / 1P
Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Keystone Electronics Co...
429 KEYSTONE-429 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Mill-Max Mfg. Corp.
429-10-204-00-560000 MILL-MAX-429-10-204-00-560000 Datasheet
180Kb / 1P
INTERCONNECTS 2,54 Grid Surface Mount Headers and Sockets Single and Double Row
429-10-272-00-560000 MILL-MAX-429-10-272-00-560000 Datasheet
228Kb / 2P
Interconnect Header .100 Grid; Surface Mount Pin Header Stub Tail Double Row Surface Mount
More results

Similar Description - 429

ManufacturerPart #DatasheetDescription
logo
Littelfuse
430 LITTELFUSE-430 Datasheet
37Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
431 LITTELFUSE-431 Datasheet
83Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
466 LITTELFUSE-466 Datasheet
101Kb / 2P
Surface Mount Fuses - Lead-Free Thin-Film
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
Thin Film Surface Mount Attenuators
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
Thin Film Surface Mount Attenuators
logo
Bel Fuse Inc.
0429.125WRM BEL-0429.125WRM Datasheet
87Kb / 1P
Thin-Film Surface Mount
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com