Electronic Components Datasheet Search
  English  ▼

X  

433 Datasheet(PDF) 1 Page - Littelfuse

Part # 433
Description  Surface Mount Fuses - Thin-Film Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

433 Datasheet(HTML) 1 Page - Littelfuse

  433 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thin-Film Surface Mount
366
Surface Mount Fuses
SlimLine
™ 1206 Very Fast-Acting Fuse 433 Series
www .littelfuse .com
• For new designs of 7 amp please consult 429 series.
• The SlimLine 1206 fuse is an extremely small, low profile design
(1206 chip size) utilizing thin-film technology to achieve precise control
of electrical characteristics.
• The lower height profile produces a flat surface for improved perform-
ance in pick-and-place operations and an alternate solution for height
critical application.
• Mounting pad and electrical specification are identical to the popular
429 Series specifications.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time at 25
°C
100%
4 hours, Minimum
200%
5 seconds, Maximum
300%
0.2 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
0.125 – .375A
50 A @ 125 V AC/DC
0.5 – 2A
50 A @ 63 V AC/DC
2.5 – 3A
50 A @ 32 V AC/DC
4 – 5A
50 A @ 24 V AC/DC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: – 55°C to 90°C. Consult temperature
rerating chart on page 4. For operation above 90°C
contact Littelfuse.
Vibration: Per MIL-STD-202F.
Insulation Resistance (After Opening): Greater than 10,000 ohms.
Resistance to Soldering Heat: Withstands 60 seconds above
200°C up to 260°C, maximum.
Shelf Life (Solderability): 1 year min.
Thermal Shock: Withstands 5 cycles of – 55° to 125°C.
PHYSICAL SPECIFICATIONS:
Materials: Body: Epoxy Substrate
Terminations: Copper/Nickel/Tin-Lead (95/5)
Cover Coat: Conformal Coating
Soldering Parameters(refer to page 3 for soldering profile):
Wave Solder — 260°C, 10 seconds maximum
Infrared Solder — 260°C, 30 seconds maximum
PACKAGING SPECIFICATIONS: 8mm Tape and Reel per
EIA-RS481-1 (IEC 286, part 3); 5,000 per reel, add packaging suffix, NR.
PATENTED
ORDERING INFORMATION:
2.03
(.080")
2.03
(.080")
WAVE SOLDER
REFLOW SOLDER
3.81
(.150")
1.52
(.060")
.58
(.023")
.56
(.022")
.66
(.026")
1.14
(.045")
MARKING CODE VARIES
WITH AMPERAGE RATING
(SEE CHART)
1.52
(.060")
3.18
(.125")
3.18
(.125")
4.83
(.190")
1.65
(.065")
1.52
(.060")
Sn/Pb
Sn/Pb
Sn/Pb
Cu
Coating
Reference Dimensions:
®
®
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
Average Time Current Curves
Nominal
Catalog
Ampere
Marking
Voltage
Resistance
Melting I2t
Number
Rating
Code
Rating
Cold Ohms1
(A2 Sec.)2
0433.125
.125
B
125
3.45
0.00040
0433.200
.200
C
125
0.938
0.00055
0433.250
.250
D
125
0.625
0.0010
0433.375
.375
E
125
0.375
0.0028
0433.500
.50
F
63
0.2405
0.0060
0433.600
.60
.6
63
0.2100
0.0131
0433.750
.75
G
63
0.1370
0.0170
0433.800
.80
.8
63
0.1225
0.0305
0433 001.
1.0
H
63
0.09950
0.0350
0433 1.25
1.25
J
63
0.07475
0.0650
0433 01.5
1.5
K
63
0.06250
0.125
0433 1.75
1.75
L
63
0.05000
0.150
0433 002.
2.0
N
63
0.03975
0.230
0433 02.5
2.5
O
32
0.03065
0.50
0433 003.
3.0
P
32
0.02625
0.70
0433 004.
4.0
S
24
0.014
1.024
0433 005.
5.0
T
24
0.011
1.600
1
Measured at 10% of rated current, 25°C.
2
Measured at rated voltage.


Similar Part No. - 433

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
433 OSCILENT-433 Datasheet
134Kb / 2P
Ultra Low Jitter 1pS
logo
3M Electronics
433 3M-433 Datasheet
48Kb / 3P
433 High Temperature Aluminium Foil Tape
Mar-1996
logo
TE Connectivity Ltd
433 TEC-433 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Adafruit Industries
433 ADAFRUIT-433 Datasheet
111Kb / 2P
Medium Modular Snap Boxes - SMD component storage - 2 pack - Pink
7/23/2015
logo
Keystone Electronics Co...
433 KEYSTONE-433 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 433

ManufacturerPart #DatasheetDescription
logo
Littelfuse
429 LITTELFUSE-429 Datasheet
78Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
431 LITTELFUSE-431 Datasheet
83Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
466 LITTELFUSE-466 Datasheet
101Kb / 2P
Surface Mount Fuses - Lead-Free Thin-Film
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
Thin Film Surface Mount Attenuators
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
Thin Film Surface Mount Attenuators
logo
Bel Fuse Inc.
0429.125WRM BEL-0429.125WRM Datasheet
87Kb / 1P
Thin-Film Surface Mount
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com