Electronic Components Datasheet Search
  English  ▼

X  

436 Datasheet(PDF) 1 Page - Littelfuse

Part # 436
Description  SMTelecom Fuse 436 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

436 Datasheet(HTML) 1 Page - Littelfuse

  436 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
38
SURFACE MOUNT FUSES
SMTelecom
® Fuse 436 Series
• Surface mount overcurrent protection from lightning and
power cross.
• Meets UL 1459/1950 power cross requirements stand alone.
• Ideal for use in telecommunication equipment including
modems, fax machines, desk top phones, answering
machines and line cards.
• UL recognized, with a 250 V operating voltage.
• Top side marking allows visual verification of ampere rating.
• Complies with Bellcore GR-1089-CORE and FCC 47 part
68 Surge Specifications.
ELECTRICAL CHARACTERISTICS:
% of
Ampere Rating
Opening Time
100%
4 Hours, Minimum
200%
5 Seconds, Min.; 30 Seconds, Max.
Short Circuit Capabilities:
UL 1459 / UL 1950 3rd. Edt.
40 Amperes @ 600 VAC
7 amperes @ 600 VAC
2.2 amperes @ 600 VAC
AGENCY APPROVALS: Recognized under the
Components Program of Underwriters Laboratories and
Certified by CSA .
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
10,000 amperes @ 125V
100 amperes @ 250V
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature Range: –55°C to +125°C
PHYSICAL SPECIFICATIONS:
Materials: Body: Melamine Substrate
Terminations: Copper/Nickel/Tin-Lead (95/5)
Soldering Parameters:
Reflow Solder — 250°C, 10 sec. maximum.
Wave Solder — Not recommended.
PACKAGING SPECIFICATIONS: 24mm Tape and Reel
per EIA-RS481-2 (IEC 286, part 3); 2,000 per reel, add
packaging suffix, PR.
PATENTED
ORDERING INFORMATION:
CURRENT IN AMPERES
100
10
0.1
0.01
0.001
1
0.3
1
10
100
Average Time Current Curves
Reference Dimensions
4 3 6
3 / 4 A
14.99 (.590")
13.21
(.520")
1.27
(.050")
PROTECTIVE
COATING
NICKEL/TIN-LEAD PLATED
COPPER TERMINATIONS
2.41 (.095")
MAX.
.64 (.025") REF.
10.29
(.405")
2.92
(.115")
4.57 (.180")
5.08 (.200")
4.19 (.165")
Catalog
Number
0436.750
0436 001.
0436 1.25
0436 01.5
0436 01.6
Ampere
Rating
(A)
3/4
1
11/4
11/2
16/10
Voltage
Rating
(V)
250
250
250
250
250
Nominal
Cold
Resistance (
Ω)
0.850
0.475
0.305
0.210
0.165
Nominal
Melting I
2t
(A
2 sec.)
1.143
2.606
3.658
5.921
13.500
Recommended Pad Layout:
Catalog
Number
Repetitions
0436.750
0436 001.
0436 1.25
0436 01.5
0436 01.6
Longitudinal Surge
10x160µSec.
(1500 V)
50
2
82 A
88 A
102 A
117 A
120 A
135 A
175 A
200 A
200 A
200 A
Metallic Surge
10x560µSec.
(800 V)
50
2
29 A
32 A
44 A
48 A
87 A
95 A
100 A
115 A
134 A
156 A
10x1000µSec.
(1000 V)
50
22 A
37 A
56 A
80 A
100 A
2x10µSec.
(2500 V)
20
225A
350A
425A
500A
500A
PERFORMANCE CHARACTERISTICS:
FCC 47 Part 68
Bellcore GR-1089-CORE
First Level Lightning
®
®
This Part is being obsoleted. Please use the 461 series for
all future designs.


Similar Part No. - 436

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
436 OSCILENT-436 Datasheet
126Kb / 2P
CMOS / TTL Output
logo
3M Electronics
436 3M-436 Datasheet
345Kb / 3P
Vibration Damping Tapes
logo
Keystone Electronics Co...
436 KEYSTONE-436 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Heyco.
4360 HEYCO-4360 Datasheet
158Kb / 1P
HEYClean® Brass Pressure Equalization and Drain Plugs
4360 HEYCO-4360 Datasheet
152Kb / 1P
HEYClean® Brass Pressure Equalization and Drain Plugs
More results

Similar Description - 436

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
Slow Blow Fuse Series
5MT BEL-5MT Datasheet
94Kb / 2P
Medium Blow Fuse Series
3AG BEL-3AG Datasheet
402Kb / 2P
Fast Blow Fuse Series
logo
Littelfuse
SPFJ125 LITTELFUSE-SPFJ125 Datasheet
880Kb / 6P
SPFJ SERIES FUSE
0203.250HXG LITTELFUSE-0203.250HXG Datasheet
163Kb / 3P
203 Series Fuse
logo
Bel Fuse Inc.
5MF BEL-5MF_13 Datasheet
1Mb / 4P
FAST BLOW FUSE SERIES
logo
Littelfuse
SPXV006.T LITTELFUSE-SPXV006.T Datasheet
317Kb / 3P
SPXV SERIES SOLAR FUSE
SPNH200.X LITTELFUSE-SPNH200.X Datasheet
815Kb / 11P
POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
Rev: 2-B-083021
LFNH LITTELFUSE-LFNH Datasheet
365Kb / 4P
LFNH SERIES FUSE BLOCK
Rev: 021119
LRU LITTELFUSE-LRU Datasheet
208Kb / 1P
LRU Series FUSE REDUCERS
Rev: 011113
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com