Electronic Components Datasheet Search
  English  ▼

X  

2126641 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2126641
Description  ISO cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2126641 Datasheet(HTML) 1 Page - Festo Corporation.

  2126641 Datasheet HTML 1Page - Festo Corporation. 2126641 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
DSBC-80-300-PPSA-N3
Part number: 2126641
Data sheet
Feature
Value
Piston seal material
TPE-U(PU)
Piston rod wiper seal material
TPE-U(PU)
Cushion piston material
POM
Buffer seal material
TPE-U(PU)
Material of piston
Aluminium-Knetlegierung
Nut material
Stahl, verzinkt
Flange screws material
Stahl verzinkt
Material of bearing
POM
Stroke
300 mm
Piston diameter
80 mm
Piston rod thread
M20x1.5
Type code
DSBC
Cushioning
Self-adjusting pneumatic end-position cushioning
Mounting position
Any
Conforms to standard
ISO 15552
Piston rod end
External thread
Design
Piston rod
Profile barrel
Piston
Position sensing
For proximity sensor
Symbol
00992970
Variants
Piston rod at one end
Operating pressure
0.4 bar ... 12 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
1.8 J
Cushioning length
31 mm
Theoretical force at 6 bar, retracting
2721 N
Theoretical force at 6 bar, advancing
3016 N
Moving mass at 0 mm stroke
810 g
Additional weight per 10 mm stroke
92 g
Basic weight with 0 mm stroke
2660 g
Additional moving mass per 10 mm stroke
39 g
4/13/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 2126641

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2126640 FESTO-2126640 Datasheet
99Kb / 2P
ISO cylinder
More results

Similar Description - 2126641

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-12-25-P-A FESTO-DSNU-12-25-P-A Datasheet
43Kb / 2P
ISO cylinder
DSNU-12-160-P-A FESTO-DSNU-12-160-P-A Datasheet
36Kb / 2P
ISO cylinder
DSNU-16-10-PPS-A FESTO-DSNU-16-10-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-16-100-P-A FESTO-DSNU-16-100-P-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-150-PPV-A FESTO-DSNU-16-150-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-60-P-A FESTO-DSNU-16-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-70-P-A FESTO-DSNU-16-70-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-P-A FESTO-DSNU-16-80-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
ISO cylinder
DSNU-20-10-PPS-A FESTO-DSNU-20-10-PPS-A Datasheet
38Kb / 1P
ISO cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com