Electronic Components Datasheet Search
  English  ▼

X  

FMM5709VZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FMM5709VZ
Description  K/ Ka Band Low Noise Amplifier MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FMM5709VZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FMM5709VZ Datasheet HTML 1Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 2Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 3Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 4Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 5Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 6Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 7Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 8Page - List of Unclassifed Manufacturers FMM5709VZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
K / Ka Band Low Noise Amplifier MMIC
FMM5709VZ
NOISE FIGURE, ASSOCIATED GAIN vs. FREQUENCY
VDD=3V
P1dB, G1dB vs. FREQUENCY
VDD=3V
1
2
3
4
5
6
7
8
9
10
11
14
16
18
20
22
24
26
28
30
32
34
36
38
Frequency [GHz]
8
10
12
14
16
18
20
22
24
26
28
NF
Gas
7
8
9
10
11
12
13
14
15
16
17
16
18
20
22
24
26
28
30
32
34
36
Frequency [GHz]
6
8
10
12
14
16
18
20
22
24
26
P1dB
G1dB
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com