Electronic Components Datasheet Search
  English  ▼

X  

VBKB2220 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # VBKB2220
Description  P-Channel 20-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBKB2220 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  VBKB2220 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBKB2220 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBKB2220 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBKB2220 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBKB2220 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBKB2220 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
ON-resistance RDS(on)1 : 20mΩ(typ.)
•
Input Capacitance Ciss=1100pF(typ.)
•
1.8V drive
•
Halogen free compliance
•
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--20
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--6.5
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--26
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (1200mm2×0.8mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7045-001
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : EMH8
1
4
85
0.125
0.5
2.0
0.2
Product & Package Information
• Package
: EMH8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Taping Type : TL
Marking
Electrical Connection
TL
87
6
5
12
3
4
EMH1307-TL-H
P-Channel 20-V (D-S) MOSFET
VBKB2220
www.VBsemi.com
001
1


Similar Part No. - VBKB2220

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
VBKB40-X5-CS12 TURCK-VBKB40-X5-CS12 Datasheet
110Kb / 1P
Industrial passive junction, 4-fold fully encapsulated
2017-09-15
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
VBKB5245 VBSEMI-VBKB5245 Datasheet
529Kb / 8P
N- and P-Channel V(D-S) MOSFET
More results

Similar Description - VBKB2220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com