Electronic Components Datasheet Search
  English  ▼

X  

VBKB5245 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # VBKB5245
Description  N- and P-Channel V(D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBKB5245 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  VBKB5245 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBKB5245 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
Nch + Pch MOSFET
•
ON-resistance Nch : RDS(on)1=34mΩ(typ.)
Pch : RDS(on)1=65mΩ(typ.)
•
1.8V drive
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
N-channel
P-channel
Unit
Drain-to-Source Voltage
VDSS
20
--20
V
Gate-to-Source Voltage
VGSS
±10
±10
V
Drain Current (DC)
ID
4
--3
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
20
--20
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm) 1unit
1.0
W
Total Dissipation
PT
When mounted on ceramic substrate (900mm2×0.8mm)
1.2
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
This product is designed to “ESD immunity < 200V
*”, so please take care when handling.
* Machine Model
Package Dimensions
unit : mm (typ)
7045-002
Product & Package Information
• Package
: EMH8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
EMH8
1
4
85
0.125
0.5
2.0
0.2
876
5
123
4
TL
EMH2604-TL-H
N- and P-Channel
V(D-S) MOSFET
VBKB5245
www.VBsemi.com
0
2
001
1


Similar Part No. - VBKB5245

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBKB2220 VBSEMI-VBKB2220 Datasheet
375Kb / 6P
P-Channel 20-V (D-S) MOSFET
logo
Turck, Inc.
VBKB40-X5-CS12 TURCK-VBKB40-X5-CS12 Datasheet
110Kb / 1P
Industrial passive junction, 4-fold fully encapsulated
2017-09-15
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
More results

Similar Description - VBKB5245

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VB5222 VBSEMI-VB5222 Datasheet
749Kb / 10P
N- and P-Channel V (D-S) MOSFET
APM2701AC VBSEMI-APM2701AC Datasheet
2Mb / 10P
N- and P-Channel V (D-S) MOSFET
APM2701ACC-TRG VBSEMI-APM2701ACC-TRG Datasheet
1Mb / 10P
N- and P-Channel V (D-S) MOSFET
DMC2700UDM-7 VBSEMI-DMC2700UDM-7 Datasheet
1Mb / 10P
N- and P-Channel V (D-S) MOSFET
FDC6321C VBSEMI-FDC6321C Datasheet
1Mb / 10P
N- and P-Channel V (D-S) MOSFET
FDC6327C VBSEMI-FDC6327C Datasheet
1Mb / 10P
N- and P-Channel V (D-S) MOSFET
AO6601 VBSEMI-AO6601 Datasheet
2Mb / 10P
N- and P-Channel V (D-S) MOSFET
P5803NAG VBSEMI-P5803NAG Datasheet
1Mb / 10P
N- and P-Channel V (D-S) MOSFET
SI3585CDV-T1-GE3 VBSEMI-SI3585CDV-T1-GE3 Datasheet
1Mb / 10P
N- and P-Channel V (D-S) MOSFET
SI3585DV-T1-GE3 VBSEMI-SI3585DV-T1-GE3 Datasheet
1Mb / 10P
N- and P-Channel V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com