Electronic Components Datasheet Search
  English  ▼

X  

455 Datasheet(PDF) 1 Page - Littelfuse

Part # 455
Description  Surface Mount Fuses - Subminiature Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

455 Datasheet(HTML) 1 Page - Littelfuse

  455 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
376
Surface Mount Fuses
www .littelfuse .com
Subminiature Surface Mount
NANO
2® UMF Fast-Acting Fuse 455 Series
• The Nano2 UMF Fuse is a very small, square surface mount fuse design.
• Designed to International (IEC) Standards for use globally.
• Meets IEC 60127-4 UMF specifications for Fast-Acting Fuses
• RoHS Compliant version now available, use ordering suffix ‘L’
(see example on data sheet).
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
125%
1 hour, Minimum
200%
2 minutes, Maximum
1000%
0.001 sec, Min; .01 sec Max
AGENCY APPROVALS: Listed to IEC 60127-4, Universal Modular Fuse-
Links (UMF), 125V.
AGENCY FILE NUMBERS: UL E184655.
INTERRUPTING RATINGS: 50 amperes at 125 VAC/VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz).
Salt Spray: MIL-STD-202, Method 101, Test Condition B.
Insulation Resistance (After Opening): MIL-STD-202, Method
302, Test Condition A, (10,000 ohms minimum).
Resistance to Soldering Heat: MIL-STD-202,
Method 210, Test Condition B (10 sec. at 260°C).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65 to 125°C).
Moisture Resistance: MIL-STD-202, Method 106, High Humidity (90-
98 RH), Heat (65°C).
PHYSICAL SPECIFICATIONS:
Materials: Body: Ceramic
Terminations: Tin-Lead Alloy
RoHS Compliant Terminations: Gold over Nickel Plated Caps
.
Soldering Parameters:
Wave Solder — 260°C, 10 seconds maximum
Reflow Solder — 260°C, 30 seconds maximum
Solderability: MIL-STD-202, Method 208.
PACKAGING SPECIFICATIONS: 12mm Tape and Reel per
EIA-RS481-1 (IEC 286, part3); 1,000 pieces per reel, add packaging
suffix, MR; 5,000 per reel, add packaging suffix NR.
Options: For RoHS Compliant devices add the letter ‘L’ to end of packag-
ing suffix. Example: 0455001.NRL (RoHS Compliant 1A, 5,000 per reel).
PATENTED
ORDERING INFORMATION:
100
10
1
0.1
0.01
0.001
0.05 0.1
1
10
100
1000
CURRENT IN AMPERES
Average Time Current Curves
F
1 A
2.69
(.106")
2.69
(.106")
1.45
(.057")
6.10
(.240")
Nominal
Nominal
Catalog
Ampere
Voltage Cold Resistance
Melting I
2t
Number
Rating
Rating
(Ohms)
1
(A
2 sec)
0455.400
0.4
125
0.420
0.0795
0455.500
0.5
125
0.305
0.143
0455 001.
1.0
125
0.078
0.645
0455 01.6
1.6
125
0.0532
1.060
1Measured at 10% of rated current, 25°C.
6.86
(.270")
3.15
(.124")
2.95
(.116")
1.96
(.077")
Recommended pad layout
RoHS


Similar Part No. - 455

ManufacturerPart #DatasheetDescription
logo
France Joint
455 FRANCEJOINT-455 Datasheet
367Kb / 3P
WIPER SEALS
logo
Abbatron All Rights Res...
455 ABBATRON-455 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
455 KEYSTONE-455 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Ezurio
455-00003 EZURIO-455-00003 Datasheet
2Mb / 42P
60 Series SOM
16 Apr 2025 Version 4.0
455-00004 EZURIO-455-00004 Datasheet
2Mb / 42P
60 Series SOM
16 Apr 2025 Version 4.0
More results

Similar Description - 455

ManufacturerPart #DatasheetDescription
logo
Littelfuse
203 LITTELFUSE-203 Datasheet
41Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount & Dip Types
464 LITTELFUSE-464 Datasheet
56Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
202062 LITTELFUSE-202062 Datasheet
46Kb / 1P
Surface Mount Fuses Subminiature Surface Mount & Dip Types
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
0455001.MR LITTELFUSE-0455001.MR Datasheet
79Kb / 1P
Subminiature Surface Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com